Electronic Components Datasheet Search
  English  ▼

X  

EMC1812 Datasheet(PDF) 47 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 47 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 43Page - Microchip Technology EMC1812 Datasheet HTML 44Page - Microchip Technology EMC1812 Datasheet HTML 45Page - Microchip Technology EMC1812 Datasheet HTML 46Page - Microchip Technology EMC1812 Datasheet HTML 47Page - Microchip Technology EMC1812 Datasheet HTML 48Page - Microchip Technology EMC1812 Datasheet HTML 49Page - Microchip Technology EMC1812 Datasheet HTML 50Page - Microchip Technology EMC1812 Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 102 page
background image
6.10.7
Temperature Conversion Rate Register (Addresses 04h and 0Ah)
Name: 
CONVERT
Offset: 
0x04, 0x0A
Bit
7
6
5
4
3
2
1
0
CONV[3:0]
Access
RW
RW
RW
RW
Reset
0
0
0
0
Bits 3:0 – CONV[3:0] The Conversion Rate register controls how often the temperature measurement
channels are updated and compared against the limits.
This register is fully accessible at either address. It determines the conversion rate as shown in Table 5-3.
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com