Electronic Components Datasheet Search
  English  ▼

X  

EMC1813 Datasheet(PDF) 95 Page - Microchip Technology

Part # EMC1813
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1813 Datasheet(HTML) 95 Page - Microchip Technology

Back Button EMC1813 Datasheet HTML 91Page - Microchip Technology EMC1813 Datasheet HTML 92Page - Microchip Technology EMC1813 Datasheet HTML 93Page - Microchip Technology EMC1813 Datasheet HTML 94Page - Microchip Technology EMC1813 Datasheet HTML 95Page - Microchip Technology EMC1813 Datasheet HTML 96Page - Microchip Technology EMC1813 Datasheet HTML 97Page - Microchip Technology EMC1813 Datasheet HTML 98Page - Microchip Technology EMC1813 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 102 page
background image
Microchip Technology Drawing C04-332B Sheet 2 of 2
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Number of Pins
Overall Height
Terminal Width
Overall Length
Overall Width
Terminal Length
Terminal Thickness
Pitch
Standoff
Units
Dimension Limits
A1
A
b
E
(A3)
e
L
D
N
0.50 BSC
0.10 REF
0.30
0.20
0.80
0.00
0.25
2.00 BSC
0.40
0.85
0.02
2.50 BSC
MILLIMETERS
MIN
NOM
10
0.50
0.30
0.90
0.05
MAX
REF: Reference Dimension, usually without tolerance, for information purposes only.
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
1.
2.
3.
Notes:
Pin 1 visual index feature may vary, but must be located within the hatched area.
Package is saw singulated
Dimensioning and tolerancing per ASME Y14.5M
10-Lead Very Thin Plastic Dual Flat, No Lead Package (9R) - 2.5x2.0 mm Body [VDFN]
Multi-Channel Low-Voltage Remote Di...
Packaging Information
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More