Electronic Components Datasheet Search
  English  ▼

X  

FC2082GF Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC2082GF
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082GF Datasheet(HTML) 6 Page - First Silicon Co., Ltd

Back Button FC2082GF Datasheet HTML 2Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 3Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 4Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 5Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 6Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 7Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 8Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 9Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 10Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Application Description
Single-chip Application
Diagram 5 is the FC2082G application circuit diagram, the LED lamps in the LED tube can be connected in cascade or in
parallel or in combination of both; C1 is high-voltage ceramic capacitor, which is used to low down voltage of Vin; C2 is electrolytic
capacitor, which is used to lower down voltage ripple of Vin; Rext is used to set the operating current of LED tube.
Rext
Vin
LED Tube Lamp
C1
AC~
LED2
LEDn
LED1
1
2
3
OUT
GND
REXT
C2
Diagram 5. Typical Application Circuit— AC Power Input
The value of C1 is determined by the AC voltage and the number of the cascaded LEDs in the LED tube lamp, and normally
it’s0uF ~ 4.7uF. When the number of the cascaded LEDs is big enough, C1 is not needed.
The higher C2 is, the lower the Vin ripple and the OUT voltage ripple are. The value of C2 is determined by the summed
operating current of the LED tube lamp: the higher the current is, the bigger the value of C2 is, normally it’s 4.7uF/400V~22uF/400V,
and the specific value is given by:
V
t
I
C
LED
Δ
=
*
2
ILED is the constant current of the whole scheme, t (time): (1/4)*(1/fAC)= 5ms (at 50Hz), ΔV is the OUT voltage ripple.
Parallel-chip Application
Rext1
IC1
IC2
ICN
Rext2
RextN
AC~
LED1-1
LED1-n
LED2-1
LED2-n
C1
1
2
3
OUT
GND
REXT
1
2
3
OUT
GND
REXT
1
2
3
OUT
GND
REXT
Diagram 6. Circuit Schematic Diagram of Parallel Application
Select the number of the parallel chips basing on the number of the LED lamps and the LED lamp operating current, and the
resistance of Rext1~RextN in the diagram can be set to be the same or different.
In the parallel-chip application, the system constant current threshold voltage is the maximal threshold voltage of the parallel
2018. 07. 09
6/12
Revision No : 1
FC2082G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com