Electronic Components Datasheet Search
  English  ▼

X  

FC2082GF Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC2082GF
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082GF Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC2082GF Datasheet HTML 1Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 2Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 3Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 4Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 5Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 6Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 7Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 8Page - First Silicon Co., Ltd FC2082GF Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Feature
Patented constant current technology
a)
Adjustable OUT output current:
5mA~60mA
b)
Output current error between chip
and chip: < ±4%
Input AC voltage: 120V/220V
Support SCR dimming Application
Overheating protection
Share PCB with LED
Simple circuit and low cost
Package: TO-252, SOT-89
Application
T5/T8 tube
LED street lamp
LED bulb lamp, LED ceiling lamp
Description
The FC2082G is a single channel LED constant current driver which
adopts the patented constant current control technology. The output current is
adjustable through the external Rext (5mA~60mA), and the chip is with
excellent constant current performance that the output current is not varied with
the variation of the OUT voltage. The cost is low with simple structure and fewer
peripheral components.
Pin Diagram
1
3
TO-252
OUT
GND
REXT
2
SM2082G
SOT-89
GND
GND
1
OUT
SM2082G
GND
2
Typical Application1
NO Dimming application circuit
LED1
LEDn
1
2
3
OUT
GND
REXT
Note: The above power could be AC or DC.
Typical Application2
Dimming application circuit
1
2
3
OUT
GND
REXT
LED1
LEDn
1
2
3
OUT
GN
D
REXT
SCR dimming
SEMICONDUCTOR
TECHNICAL DATA
FC2082G
2018. 07. 09
1/12
Revision No : 1
LED CONSTANT CURRENT DRIVER
3
REXT
(FC2082GD)
(FC2082GF)


Similar Part No. - FC2082GF

ManufacturerPart #DatasheetDescription
logo
Quectel Wireless Soluti...
FC20 QUECTEL-FC20 Datasheet
1Mb / 2P
Wi-Fi & BT Module with Ultra-compact LCC Package
FC20-N QUECTEL-FC20-N Datasheet
1Mb / 2P
Wi-Fi & BT Module with Ultra-compact LCC Package
logo
Beckhoff Automation Gmb...
FC2001 BECKHOFF-FC2001 Datasheet
164Kb / 2P
Infrastructure, 1-channel fieldbus card, Lightbus, master, PCI, LWL
FC2001-0000 BECKHOFF-FC2001-0000 Datasheet
164Kb / 2P
Infrastructure, 1-channel fieldbus card, Lightbus, master, PCI, LWL
FC2002 BECKHOFF-FC2002 Datasheet
163Kb / 2P
Infrastructure, 2-channel fieldbus card, Lightbus, master, PCI, LWL
More results

Similar Description - FC2082GF

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61042 TI-TPS61042 Datasheet
552Kb / 20P
CONSTANT CURRENT LED DRIVER
TPS61043 TI-TPS61043 Datasheet
516Kb / 21P
CONSTANT CURRENT LED DRIVER
logo
Sipex Corporation
SP7618 SIPEX-SP7618 Datasheet
408Kb / 10P
Constant Current LED Driver
SP7619 SIPEX-SP7619 Datasheet
420Kb / 8P
Constant Current LED Driver
logo
Protek Devices
PA5110 PROTEC-PA5110 Datasheet
178Kb / 7P
Constant Current LED Driver.
logo
ON Semiconductor
CAT4004A ONSEMI-CAT4004A_11 Datasheet
165Kb / 11P
Constant Current LED Driver
June, 2011 ??Rev. 2
logo
Diodes Incorporated
AL5890 DIODES-AL5890 Datasheet
824Kb / 17P
Constant Current LED Driver
Rev 2
logo
DIWELL Electronics Co.,...
SLE-24 DIWELL-SLE-24 Datasheet
418Kb / 9P
Constant Current LED Driver
2012/07/19
CALE-48 DIWELL-CALE-48 Datasheet
444Kb / 7P
Constant Current LED Driver
2016/09/23
CLE-12 DIWELL-CLE-12 Datasheet
1Mb / 8P
Constant Current LED Driver
2016/09/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com