Electronic Components Datasheet Search
  English  ▼

X  

FDR301U Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR301U
Description  Silicon Hot?밅arrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR301U Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR301U Datasheet HTML 1Page - First Silicon Co., Ltd FDR301U Datasheet HTML 2Page - First Silicon Co., Ltd FDR301U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FDR301U
2014. 05. 28
1/3
Revision No : 0
Silicon Hot–Carrier Diodes
Schottky Barrier Diode
These devices are designed primarily for high–efficiency UHF and VHF
detector applications. They are readily adaptable to many other fast switching
RF and digital applications. They are supplied in an inexpensive plastic package
for low–cost, high–volume consumer and industrial/commercial requirements.
They are available in a Surface Mount package.
• Extremely Low Minority Carrier Lifetime – 15 ps (Typ)
• Very Low Capacitance – 1.5 pF (Max) @ V
R = 15 V
• Low Reverse Leakage – I
R = 13 nAdc (Typ)
• Device Marking: 4T
MAXIMUM RATINGS ( T
J =125°C unless otherwise noted )
V
g
n
i
t
a
R
l
o
b
m
y
S
a lu e
Unit
VR
Reverse Voltage
30
Volts
THERMAL CHARACTERISTICS
Symbol
Characteristic
Ma x
Unit
P D
Total Device Dissipation FR–5 Board,*
200
mW
T A = 25°C
Derate above 25°C
1.57
mW/°C
R θJA
Thermal Resistance Junction to Ambient
635
°C/W
T J , T stg
Junction and Storage
–55 to+150
°C
Temperature Range
*FR–5 Minimum Pad
ORDERING INFORMATION
Device
g
n
i
p
p
i
h
S
g
n
i
k
r
a
M
FDR301U
4T
3000 / Tape & Reel
30 VOLTS SILICON
HOT–CARRIER DETECTO R
AND SWITCHING DIODE S
ELECTRICAL CHARACTERISTICS (T
A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Ma x
Unit
Reverse Breakdown Voltage
V (BR)R
30
—
—
Volts
(I R = 10
µA)
Diode Capacitance
(V R = 15 V, f = 1.0MHz) Figure 1
C T
—
0.9
1.5
pF
Reverse Leakage
(V R = 25 V) Figure 3
I R
—
13
200
nAdc
Forward Voltage
(I F = 1.0 mAdc) Figure 4
V F
—
0.38
0.45
Vdc
Forward Voltage
(I F = 10 mAdc) Figure 4
V F
—
0.52
0.6
Vdc
• We declare that the material of product
compliance with RoHS requirements.
SC-76 / SOD-323
USC
2
2
ANODE
1
CATHODE
1


Similar Part No. - FDR301U

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR301 FS-FDR301 Datasheet
209Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
More results

Similar Description - FDR301U

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMDL301T1 LRC-MMDL301T1 Datasheet
118Kb / 3P
Silicon Hot-Carrier Diodes
logo
ON Semiconductor
MMDL301 ONSEMI-MMDL301 Datasheet
39Kb / 4P
Silicon Hot-Carrier Diodes
January, 2000 ??Rev. 0
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
logo
Leshan Radio Company
LMBD301LT1G LRC-LMBD301LT1G_11 Datasheet
112Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
LMDL301T1G LRC-LMDL301T1G Datasheet
135Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diode
logo
ON Semiconductor
MMDL301T1G ONSEMI-MMDL301T1G Datasheet
94Kb / 3P
Silicon Hot-Carrier Diodes
September, 2010??Rev. 2
logo
Leshan Radio Company
LMBD301LT1G LRC-LMBD301LT1G_15 Datasheet
119Kb / 3P
Silicon Hot?밅arrier Diodes
LMDL301T1G LRC-LMDL301T1G_15 Datasheet
135Kb / 3P
Silicon Hot?밅arrier Diodes
logo
ON Semiconductor
MBD301G ONSEMI-MBD301G_16 Datasheet
95Kb / 5P
Silicon Hot-Carrier Diodes
October, 2016 ??Rev. 8
logo
First Silicon Co., Ltd
FDR301 FS-FDR301 Datasheet
209Kb / 3P
Silicon Hot?밅arrier Diodes Schottky Barrier Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com