Electronic Components Datasheet Search
  English  ▼

X  

FDR301U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR301U
Description  Silicon Hot?밅arrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR301U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR301U Datasheet HTML 1Page - First Silicon Co., Ltd FDR301U Datasheet HTML 2Page - First Silicon Co., Ltd FDR301U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2014. 05. 28
2/3
Revision No : 0
FDR301U
TYPICAL ELECTRICAL CHARACTERISTICS
SINUSOIDAL
GENERATOR
V R, REVERSE VOLTAGE (VOLTS)
Figure 1. Total Capacitance
I F, FORWARD CURRENT (mA)
Figure 2. Minority Carrier Lifetime
V R , REVERSE VOLTAGE (VOLTS)
Figure 3. Reverse Leakage
V F , FORWARD VOLTAGE (VOLTS)
Figure 4. Forward Voltage
Figure 5. Krakauer Method of Measuring Lifetime
f = 1.0 MHz
2 8
2.4
2 0
1 6
1 2
0 8
0.4
0
0
3.0
6 0
9 0
12
15
18
21
24
27
30
500
400
300
200
100
0
0
10
20
30
40
50
60
70
80
90
100
T A = –40°C
KRAKAUER METHOD
T A = 100°C
10
1 0
0.1
0 01
0 001
0
6 0
12
18
24
30
75°C
25°C
T A= 85°C
T A= 25°C
100
10
1 0
0.1
0 2
0.4
0 6
0 8
1 0
1 2
BALLAST
NETWORK
(PADS)
SAMPLING
OSCILLOSCOPE
(50 Ω INPUT)
PADS
CAPACITIVE
CONDUCTION
FORWARD
CONDUCTION
STORAGE
CONDUCTION
DUT
I F(PEAK)
I R(PEAK)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com