Electronic Components Datasheet Search
  English  ▼

X  

FC62202 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FC62202
Description  Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC62202 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FC62202 Datasheet HTML 1Page - First Silicon Co., Ltd FC62202 Datasheet HTML 2Page - First Silicon Co., Ltd FC62202 Datasheet HTML 3Page - First Silicon Co., Ltd FC62202 Datasheet HTML 4Page - First Silicon Co., Ltd FC62202 Datasheet HTML 5Page - First Silicon Co., Ltd FC62202 Datasheet HTML 6Page - First Silicon Co., Ltd FC62202 Datasheet HTML 7Page - First Silicon Co., Ltd FC62202 Datasheet HTML 8Page - First Silicon Co., Ltd FC62202 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Standard Circuit
Note on Use
1. Oscillation may occur as a result of the impedance present between the power supply and the IC’s input. Please use a
capacitor (CIN) of at least 1uF, when the impedance is 10 ohm or more.
With a large output current, Voltage output can be stabilised by increasing capacitor (CIN) size. If CIN is small and
capacitor (CL) size is increased, oscillation may occur. In such cases, Voltage output can be stabilised by either increasing
the size of CIN or decreasing the size of CL.
2. Please ensure that output current (IOUT) is less than Pd / (VIN-VOUT) and does not exceed the stipulated Continuous Total
Power Dissipation value (Pd).
Test Circuit
Test Circuit 1
Test Circuit 2
Package Pin Number
SOT-23-3
SOT-89-3
TO-92
Pin Name
Function
1
1
1
3
2
2
2
3
3
Ground
Pin Configuration
SOT-23
SOT-89
TO-92
2019. 07. 15
2/12
FC62
Revision No : 1
3 VIN
2 VOUT
1 VSS
SOT-23
2 VIN
3 VOUT
1 VSS
SOT-89
2
VIN
3
VOUT
1
VSS
TO-92
SS
V
IN
V
OUT
V
Power Input
Output
◆
◆
◆ ◆
◆
◆
◆ ◆
◆
◆
◆ ◆
VIN
C
1μF
(Tantalum)
IN
VIN
VOUT
Vss
C
1μF
(Tantalum)
L
RL
A
V
VIN
VIN
VOUT
Vss
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com