Electronic Components Datasheet Search
  English  ▼

X  

FC62202 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FC62202
Description  Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC62202 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FC62202 Datasheet HTML 1Page - First Silicon Co., Ltd FC62202 Datasheet HTML 2Page - First Silicon Co., Ltd FC62202 Datasheet HTML 3Page - First Silicon Co., Ltd FC62202 Datasheet HTML 4Page - First Silicon Co., Ltd FC62202 Datasheet HTML 5Page - First Silicon Co., Ltd FC62202 Datasheet HTML 6Page - First Silicon Co., Ltd FC62202 Datasheet HTML 7Page - First Silicon Co., Ltd FC62202 Datasheet HTML 8Page - First Silicon Co., Ltd FC62202 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
FC62502 VOUT(T)=5.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=6.0V
4.900
5.000
5.100
V
Maximum Output Current
IOUT max
VIN=6.0V, VOUT(E)≥ V
5
.
4
250
Load Stability
∆VOUT
VIN=6.0V, 1mA≤IOUT≤100mA
Vdif1
IOUT=100mA
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=200mA
2
uA
4.5
3.3
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
6.0V≤VIN≤10.0V
-
V
10
FC62402 VOUT(T)=4.0V(Note 1)
FC62302 VOUT(T)=3.0V(Note 1)
Note : 1. VOUT(T) = Specified Output Voltage.
2. VOUT(E) = Effective Output Voltage (i.e. the output voltage when (VOUT(T)+1.0V) is provided at the VIN pin
while maintaining a certain IOUT value).
3. Vdif = VIN1(Note 4) – VOUT(E)
4. VIN1 = The input voltage at the time 98% of VOUT (E) is output (input voltage has been gradually reduced).
Electrical Characteristic
2019. 07. 15
3/12
FC62
Revision No : 1
1
1
1
1
1
1
mA
mV
mV
mV
%V
40
80
120
400
380
750
0.2
0.3
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=5.0V
3.920
4.000
4.080
V
Maximum Output Current
IOUT max
VIN=5.0V, VOUT(E)≥3.6V
200
Load Stability
∆VOUT
VIN=5.0V, 1mA≤IOUT≤100mA
Vdif1
IOUT=90mA
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=180mA
0
.
3
5
.
4
A
u
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
5.0V≤VIN≤10.0V
-
V
10
1
1
1
1
1
1
mA
mV
mV
mV
%V
45
90
170
400
400
750
0.2
0.3
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=4.0V
2.940
3.000
3.060
V
Maximum Output Current
IOUT max
VIN=4.0V, VOUT(E)≥2.7V
150
Load Stability
∆VOUT
VIN=4.0V, 1mA≤IOUT≤80mA
Vdif1
IOUT=80mA
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=150mA
8
.
2
5
.
4
A
u
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
4.0V≤VIN≤10.0V
-
V
10
1
1
1
1
1
1
mA
mV
mV
mV
%V
45
90
180
450
400
850
0.2
0.3
FC62202 VOUT(T)=2.0V(Note 1)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Circuit
Output Voltage
VOUT(E)
(Note 2)
IOUT=40mA
VIN=3.0V
1.960
2.000
2.040
V
Maximum Output Current
IOUT max
VIN=3.0V, VOUT(E)≥1.8V
100
Load Stability
∆VOUT
VIN=3.0V, 1mA≤IOUT≤60mA
Vdif1
IOUT=60mA
Input –Output
Voltage Differential (Note 3)
Vdif2
IOUT=100mA
5
.
2
5
.
4
A
u
2
Input Stability
∆VOUT
∆VIN * VOUT
IOUT=40mA
3.0V≤VIN≤10.0V
-
V
10
1
1
1
1
1
1
mA
mV
mV
mV
%V
45
90
180
450
400
850
0.2
0.3
◆
◆
◆ ◆
Supply Current
ISS
VIN=6.0V
Input Voltage
VIN
Supply Current
ISS
VIN=5.0V
Input Voltage
VIN
Supply Current
ISS
VIN=4.0V
Input Voltage
VIN
Supply Current
ISS
VIN=3.0V
Input Voltage
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com