Electronic Components Datasheet Search
  English  ▼

X  

FC62252 Datasheet(PDF) 4 Page - First Silicon Co., Ltd

Part # FC62252
Description  Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC62252 Datasheet(HTML) 4 Page - First Silicon Co., Ltd

  FC62252 Datasheet HTML 1Page - First Silicon Co., Ltd FC62252 Datasheet HTML 2Page - First Silicon Co., Ltd FC62252 Datasheet HTML 3Page - First Silicon Co., Ltd FC62252 Datasheet HTML 4Page - First Silicon Co., Ltd FC62252 Datasheet HTML 5Page - First Silicon Co., Ltd FC62252 Datasheet HTML 6Page - First Silicon Co., Ltd FC62252 Datasheet HTML 7Page - First Silicon Co., Ltd FC62252 Datasheet HTML 8Page - First Silicon Co., Ltd FC62252 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Electrical Characteristics by Output Voltage
Conditions
MIN. TYP. MAX.
Conditions
MIN.
Conditions
TYP. MAX.
Conditions
TYP. MAX.
FC62113
1.067 1.100 1.133
FC62123
1.164 1.200 1.236
FC62133
1.261 1.300 1.339
FC62143
1.358 1.400 1.442
FC62153
1.455 1.500 1.545
FC62163
1.552 1.600 1.648
FC62173
1.649 1.700 1.751
FC62183
1.746 1.800 1.854
FC62193
1.843 1.900 1.957
FC62202
1.960 2.000 2.040
FC62212
2.058 2.100 2.142
FC62222
2.156 2.200 2.244
FC62232
2.254 2.300 2.346
FC62242
2.352 2.400 2.448
FC62252
2.450 2.500 2.550
FC62262
2.548 2.600 2.652
FC62272
2.646 2.700 2.754
FC62282
2.744 2.800 2.856
FC62292
2.842 2.900 2.958
FC62302
2.940 3.000 3.060
FC62312
3.038 3.100 3.162
FC62322
3.136 3.200 3.264
FC62332
3.234 3.300 3.366
FC62342
3.332 3.400 3.468
FC62352
3.430 3.500 3.570
FC62362
3.528 3.600 3.672
FC62372
3.626 3.700 3.774
FC62382
3.724 3.800 3.876
FC62392
3.822 3.900 3.978
FC62402
3.920 4.000 4.080
FC62412
4.018 4.100 4.182
FC62422
4.116 4.200 4.284
FC62432
4.214 4.300 4.386
FC62442
4.312 4.400 4.488
FC62452
4.410 4.500 4.590
FC62462
4.508 4.600 4.692
FC62472
4.606 4.700 4.794
FC62482
4.704 4.800 4.896
FC62492
4.802 4.900 4.998
FC62502
4.900 5.000 5.100
FC62512
4.998 5.100 5.202
FC62522
5.096 5.200 5.304
FC62532
5.194 5.300 5.406
FC62542
5.292 5.400 5.508
FC62552
5.390 5.500 5.610
FC62562
5.488 5.600 5.712
FC62572
5.586 5.700 5.814
FC62582
5.684 5.800 5.916
FC62592
5.782 5.900 6.018
FC62602
5.880 6.000 6.120
0
5
2
0
5
4
IOUT=40mA
Part Number
Output voltage
VOUT(V)
I-O Voltage Differential
Vdif1(mV)
Max Output Current
IOUT max(mA)
Load Stability
Δ VOUT(mV)
90
VIN=VOUT+1V
1mA<IOUT<100mA
40
80
45
90
90
150
VIN= VOUT(T)+1V
1mA<IOUT<80mA
100
45
180
450
IOUT=80mA
180
450
170
400
45
IOUT=60mA
IOUT=100mA
120
400
IOUT=90mA
IOUT=40mA
VIN=VOUT(T)+1V
VIN=VOUT(T)+1V
VOUT(E)>
VOUT(T)*0.9
80
VIN=VOUT(T)+1V
1mA<IOUT<40mA
VIN=VOUT(T)+1V
1mA<IOUT<100mA
VIN=VOUT(T)+1V
1mA<IOUT<60mA
200
250
IOUT=20mA
250
450
IOUT=30mA
250
450
45
90
2019. 07. 15
4/12
FC62
Revision No : 1
◆
◆
◆ ◆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com