Electronic Components Datasheet Search
  English  ▼

X  

FC62252 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC62252
Description  Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC62252 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC62252 Datasheet HTML 1Page - First Silicon Co., Ltd FC62252 Datasheet HTML 2Page - First Silicon Co., Ltd FC62252 Datasheet HTML 3Page - First Silicon Co., Ltd FC62252 Datasheet HTML 4Page - First Silicon Co., Ltd FC62252 Datasheet HTML 5Page - First Silicon Co., Ltd FC62252 Datasheet HTML 6Page - First Silicon Co., Ltd FC62252 Datasheet HTML 7Page - First Silicon Co., Ltd FC62252 Datasheet HTML 8Page - First Silicon Co., Ltd FC62252 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
FC62 Series Positive Voltage Regulator
Application
Battery Powered Equipment
Palmtops
Portable Cameras and Video Recorders
Reference Voltage Sources
Features
CMOSLowPowerConsumption:
Typical3.3uAatVout=5.0V
●
OutputVoltage Range :1.1Vto6.0Vin0.1Vincrements
●
HighlyAccurate:
OutputVoltage±3%for1.1Vto 1.9V
OutputVoltage±2%for2.0Vto 6.0V
●
MaximumOutputCurrent:250mA
(withinthe maximumpower dissipation,Vout=5.0V)
●
SmallInput-OutputVoltageDifferential:
0.12Vat100mAand 0.38Vat200mA
●
Input stability:Typ. 0.2%/V
●
PackageAvailable:
SOT- 23(150mW), SOT-89(500mW) &
TO-92(300mW)
Absolute Maximum Ratings
General Description
The FC62 is a group of positive voltage output,
three-pin regulator which provides high output
current
even
when
the
input/output
voltage
differential is small.
The FC62 consists of a high-precision voltage
reference, an error correction circuit, and a current
limited output driver.
Block Diagram
◆
●
2019. 07. 15
1/12
SEMICONDUCTOR
TECHNICAL DATA
FC62
Revision No : 1
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
◆
Parameter
Symbol
Ratings
Units
Input Voltage
IN
12
V
Output Current
OUT
500
mA
Output Voltage
OUT
VSS-0.3 ~VIN+0.3
V
SOT-23
150
SOT-89
500
Continuous
Total Power
Dissipation
TO-92
Pd
300
mW
Operating Ambient
Temperature
Topr
-40 ~ +85
oC
Storage Temperature
stg
-55 ~ +125
oC
V
V
I
T
V
V
V
IN
OUT
SS
Current
limiter
Voltage
Reference
◆
◆
◆ ◆
◆
◆
◆ ◆
◆
◆
◆ ◆


Similar Part No. - FC62252

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC6206S FS-FC6206S Datasheet
642Kb / 14P
FC6206S Series Low ESR Cap. Compatible Positive Voltage Regulator
logo
First Components Intern...
FC6251 FCI-FC6251 Datasheet
174Kb / 12P
250mA Ultra-Low Droupout Positive Voltage Regulator
logo
First Silicon Co., Ltd
FC6261 FS-FC6261 Datasheet
1Mb / 11P
Precision Power Distribution Switch
FC6261A FS-FC6261A Datasheet
1Mb / 11P
Precision Power Distribution Switch
FC6261B FS-FC6261B Datasheet
1Mb / 11P
Precision Power Distribution Switch
More results

Similar Description - FC62252

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SL2136 SECOS-SL2136 Datasheet
614Kb / 4P
Positive Voltage Regulator
SSC2146 SECOS-SSC2146 Datasheet
979Kb / 5P
Positive Voltage Regulator
logo
Weitron Technology
WT78LXX WEITRON-WT78LXX Datasheet
1Mb / 10P
Positive Voltage Regulator
WT78LXXK WEITRON-WT78LXXK Datasheet
900Kb / 7P
Positive Voltage Regulator
logo
Unisonic Technologies
UR6225 UTC-UR6225_11 Datasheet
467Kb / 15P
POSITIVE VOLTAGE REGULATOR
logo
Estek Electronics Co. L...
ET-78DXX ESTEK-ET-78DXX Datasheet
478Kb / 9P
Positive-Voltage Regulator
ET-78LXX ESTEK-ET-78LXX Datasheet
594Kb / 12P
Positive-Voltage Regulator
ET-78MXX ESTEK-ET-78MXX Datasheet
609Kb / 11P
Positive-Voltage Regulator
ET-78XX ESTEK-ET-78XX Datasheet
524Kb / 10P
Positive-Voltage Regulator
logo
SeCoS Halbleitertechnol...
SE78XX SECOS-SE78XX_15 Datasheet
422Kb / 5P
Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com