Electronic Components Datasheet Search
  English  ▼

X  

UPD8872 Datasheet(PDF) 1 Page - NEC

Part # UPD8872
Description  (5400 5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8872 Datasheet(HTML) 1 Page - NEC

  UPD8872 Datasheet HTML 1Page - NEC UPD8872 Datasheet HTML 2Page - NEC UPD8872 Datasheet HTML 3Page - NEC UPD8872 Datasheet HTML 4Page - NEC UPD8872 Datasheet HTML 5Page - NEC UPD8872 Datasheet HTML 6Page - NEC UPD8872 Datasheet HTML 7Page - NEC UPD8872 Datasheet HTML 8Page - NEC UPD8872 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
MOS INTEGRATED CIRCUIT
µ PD8872
(5400 + 5400) PIXELS
× 3 COLOR CCD LINEAR IMAGE SENSOR
DATA SHEET
Document No. S15330EJ3V0DS00 (3rd edition)
Date Published July 2003 NS CP (K)
Printed in Japan
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
The mark
shows major revised points.
DESCRIPTION
The
µ PD8872 is a color CCD (Charge Coupled Device) linear image sensor which changes optical images to
electrical signal and has the function of color separation.
The
µ PD8872 has 3 rows of (5400 + 5400) staggered pixels, and each row has a dual-sided readout-type charge
transfer register. And it has reset feed-through level clamp circuits and voltage amplifiers. Therefore, it is suitable for
1200 dpi/A4 color image scanners, color facsimiles and so on.
FEATURES
• Valid photocell
: (5400 + 5400) staggered pixels
× 3
• Photocell pitch
: 5.25
µ m
• Line spacing
: 63
µ m (12 lines) Red line - Green line, Green line - Blue line
10.5
µ m (2 lines) Odd line - Even line (for each color)
• Color filter
: Primary colors (red, green and blue), pigment filter (with light resistance 10
7 lx•hour)
• Resolution
: 48 dot/mm A4 (210
× 297 mm) size (shorter side)
1200 dpi US letter (8.5”
× 11”) size (shorter side)
• Drive clock level : CMOS output under 5 V operation
• Data rate
: 10 MHz Max.
• Power supply
: +12 V
• On-chip circuits : Reset feed-through level clamp circuits
Voltage amplifiers
ORDERING INFORMATION
Part Number
Package
µ PD8872CY
CCD linear image sensor 22-pin plastic DIP (10.16 mm (400))


Similar Part No. - UPD8872

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD8872 RENESAS-UPD8872 Datasheet
306Kb / 26P
MOS INTEGRATED CIRCUIT
2001
UPD8872CY-A RENESAS-UPD8872CY-A Datasheet
306Kb / 26P
MOS INTEGRATED CIRCUIT
2001
More results

Similar Description - UPD8872

ManufacturerPart #DatasheetDescription
logo
NEC
UPD3720A NEC-UPD3720A Datasheet
154Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3777 NEC-UPD3777 Datasheet
131Kb / 20P
5400 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3788 NEC-UPD3788 Datasheet
197Kb / 24P
7300 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3794 NEC-UPD3794 Datasheet
166Kb / 20P
2700 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3798 NEC-UPD3798 Datasheet
107Kb / 20P
5348 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8861 NEC-UPD8861 Datasheet
158Kb / 24P
5400 PIXELS X 3 COLOR CCD LINEAR IMAGE SENSOR
UPD3768 NEC-UPD3768 Datasheet
185Kb / 24P
7500 PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
UPD8873 NEC-UPD8873 Datasheet
257Kb / 32P
(5400 짰5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
logo
Renesas Technology Corp
S15167EJ4V0DS00 RENESAS-S15167EJ4V0DS00_15 Datasheet
303Kb / 26P
5400 PIXELS 횞 3 COLOR CCD LINEAR IMAGE SENSOR
PD8875 RENESAS-PD8875_15 Datasheet
509Kb / 30P
(54005400) PIXELS 횞 3 COLOR (54005400) PIXELS B&W CCD LINEAR IMAGE SENSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com