Electronic Components Datasheet Search
  English  ▼

X  

UPD8872 Datasheet(PDF) 12 Page - NEC

Part # UPD8872
Description  (5400 5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8872 Datasheet(HTML) 12 Page - NEC

Back Button UPD8872 Datasheet HTML 8Page - NEC UPD8872 Datasheet HTML 9Page - NEC UPD8872 Datasheet HTML 10Page - NEC UPD8872 Datasheet HTML 11Page - NEC UPD8872 Datasheet HTML 12Page - NEC UPD8872 Datasheet HTML 13Page - NEC UPD8872 Datasheet HTML 14Page - NEC UPD8872 Datasheet HTML 15Page - NEC UPD8872 Datasheet HTML 16Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Data Sheet S15330EJ3V0DS
12
µ PD8872
φ TG1 to φ TG3, φ 1, φ 2 TIMING CHART
Symbol
Min.
Typ.
Max.
Unit
t7
−5
Note 3
25
−
ns
t9, t10
0
25
−
ns
t12
5000
10000
50000
ns
t13, t14
0
50
−
ns
t15, t16
900
1000
−
ns
t17, t18
200
400
−
ns
t19
t12
t12
50000
ns
t20, t21
0
50
−
ns
t22, t23
0
350
−
ns
Notes 1. Set the
φ RB and φ CLB to high level during this period.
2. Set the
φ RB to high level during this period.
3. Min. of t7 shows that the
φ RB and φ CLB overlap each other.
Remark Inverse pulse of the
φ TG1 to φ TG3 can be used as φ CLB.
φ CLB
φ RB
90%
90%
t7
RB
φ
CLB
(Bit clamp mode)
φ
2
φ
TG1 to
φ
TG3
φ
CLB
(Line clamp mode)
φ
1
φ
10%
90%
90%
90%
90%
90%
10%
t12
t13
t17
t7
t19
t9
t20
t10
t23
t21
t22
Note 1
Note 2
t18
t16
t15
t14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com