Electronic Components Datasheet Search
  English  ▼

X  

ABX0213 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ABX0213
Description  192MHz - 400MHz Low Phase Noise PECL XO (12 ??25MHz Crystal)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX0213 Datasheet(HTML) 3 Page - Abracon Corporation

  ABX0213 Datasheet HTML 1Page - Abracon Corporation ABX0213 Datasheet HTML 2Page - Abracon Corporation ABX0213 Datasheet HTML 3Page - Abracon Corporation ABX0213 Datasheet HTML 4Page - Abracon Corporation ABX0213 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ABX0213
192MHz – 400MHz Low Phase Noise PECL XO (12 – 25MHz Crystal)
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 3
3. General Electrical Specifications
PARAMETERS
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Supply Current, Dynamic
(with Loaded Outputs)
IDD
PECL
80
mA
Operating Voltage
VDD
2.97
3.63
V
Output Clock Duty Cycle
@ VDD – 1.3V (PECL)
45
50
55
%
Short Circuit Current
±50
mA
4. Jitter and Phase Noise Specification
PARAMETERS
CONDITIONS
MIN.
TYP.
MAX.
UNITS
Period jitter RMS
With capacitive decoupling
between VDD and GND.
5
ps
Accumulated jitter RMS
With capacitive decoupling
between VDD and GND. Over
10,000 cycles.
11
ps
Phase Noise relative to carrier
311MHz @100Hz offset
-90
dBc/Hz
Phase Noise relative to carrier
311MHz @1kHz offset
-115
dBc/Hz
Phase Noise relative to carrier
311MHz @10kHz offset
-125
dBc/Hz
Phase Noise relative to carrier
311MHz @100kHz offset
-119
dBc/Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com