Electronic Components Datasheet Search
  English  ▼

X  

ABX0213 Datasheet(PDF) 5 Page - Abracon Corporation

Part # ABX0213
Description  192MHz - 400MHz Low Phase Noise PECL XO (12 ??25MHz Crystal)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABX0213 Datasheet(HTML) 5 Page - Abracon Corporation

  ABX0213 Datasheet HTML 1Page - Abracon Corporation ABX0213 Datasheet HTML 2Page - Abracon Corporation ABX0213 Datasheet HTML 3Page - Abracon Corporation ABX0213 Datasheet HTML 4Page - Abracon Corporation ABX0213 Datasheet HTML 5Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
ABX0213
192MHz – 400MHz Low Phase Noise PECL XO (12 – 25MHz Crystal)
30332 Esperanza., Rancho Santa Margarita, Ca 92688 Ph: 949-546-8000 Fax: 949-546-8001 www.Abracon.com 03/21/05 Page 5
PACKAGE INFORMATION
C
L
A
EH
D
A1
e
B
16 PIN TSSOP ( mm )
Symbol
Min.
Max.
A
-
1.20
A1
0.05
0.15
B0.19
0.30
C0.09
0.20
D4.90
5.10
E4.30
4.50
H
6.40 BSC
L0.45
0.75
e
0.65 BSC
ORDERING INFORMATION
Abracon Corporation, reserves the right to make changes in its products or specifications, or both at any time without notice. The information
furnished by Abracon is believed to be accurate and reliable. However, Abracon makes no guarantee or warranty concerning the accuracy of said
information and shall not be responsible for any loss or damage of whatever nature resulting from the use of, or reliance upon this product.
LIFE SUPPORT POLICY: Abracon’s products are not authorized for use as critical components in life support devices or systems without the express
written approval of the President of Abracon Corporation.
For part ordering, please contact our Sales Department:
30332 Esperanza., Rancho Santa Margarita, Ca 92688
Ph: 949-546-8000 Fax: 949-546-8001
PART NUMBER
The order number for this device is a combination of the following:
Device number, Package type and Operating temperature range
ABX0213 X C
Order Number
Marking
Package Option
ABX0213OC
ABX0213OC
TSSOP – Tube
ABX0213OC-T
ABX0213OC
TSSOP - Tape and Reel
PART NUMBER
TEMPERATURE
C=COMMERCIAL
I=INDUSTRAL
PACKAGE TYPE
O=TSSOP



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com