Electronic Components Datasheet Search
  English  ▼

X  

BD433 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # BD433
Description  TRANSISTOR (NPN)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

BD433 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  BD433 Datasheet HTML 1Page - First Silicon Co., Ltd BD433 Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2012. 04. 27
2/2
Revision No : 0
BD433/435/437
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
tt
i
m
E
-
r
o
t
c
e
ll
o
C
.
2
e
r
u
g
i
F
n
i
a
G
t
n
e
r
r
u
c
C
D
.
1
e
r
u
g
i
F
e
c
n
a
ti
c
a
p
a
C
e
s
a
B
-
r
o
t
c
e
ll
o
C
.
4
e
r
u
g
i
F
e
g
a
tl
o
V
n
O
r
e
tt
i
m
E
-
e
s
a
B
.
3
e
r
u
g
i
F
g
n
it
a
r
e
D
r
e
w
o
P
.
6
e
r
u
g
i
F
a
e
r
A
g
n
it
a
r
e
p
O
e
f
a
S
.
5
e
r
u
g
i
F
0.01
0.1
1
10
100
1
10
100
1000
VCE = 1V
IC[A], COLLECTOR CURRENT
0
1
1
1
.
0
0.01
0.1
1
IC = 10 IB
IC[A], COLLECTOR CURRENT
0.0
0.5
1.0
1.5
2.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
VCE = 1V
VBE[V], BASE-EMITTER VOLTAGE
0.1
1
10
100
1000
1
10
100
1000
V
CB[V], COLLECTOR BASE VOLTAGE
0
0
1
0
1
1
0.1
1
10
10µs
1ms
10m
s
BD433
IC MAX. (Pulsed)
BD437
BD435
DC
IC Max. (Continuous)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
200
0
6
12
18
24
30
36
42
48
TC[
oC], CASE TEMPERATURE
Typical Characteristics



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com