Electronic Components Datasheet Search
  English  ▼

X  

FA4558F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FA4558F
Description  DUAL LOW NOISE OPERATIONAL AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA4558F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FA4558F Datasheet HTML 1Page - First Silicon Co., Ltd FA4558F Datasheet HTML 2Page - First Silicon Co., Ltd FA4558F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DUAL LOW NOISE OPERATIONAL AMPLIFIER
Internal Frequency Compensation Type.
Wide Band Range : fT=3MHz (Typ.)
Suitable Application for Active Filter and Equalizer Amplifier.
1
2
3
4
8
7
6
5
FA4558P
OUT A
-IN A
-IN B
OUT B
+
-
A
B
+
-
VCC
+IN A
+IN B
VEE
1
2
3
4
8
7
6
5
FA4558F
OUT A
-IN A
-IN B
OUT B
+
-
A
B
+
-
VCC
+IN A
+IN B
VEE
PIN CONNECTION (TOP VIEW)
2014. 5. 20
1/3
SEMICONDUCTOR
TECHNICAL DATA
FA4558P/F
Revision No : 2
8
5
1
4
Q
DIP-8
A
d
P
D
W
T
DIM MILLIMETERS
A
B
D
T
P
d
G
H
L
3.8 0.3
0 - 15
1.52 0.1
W
9.6 0.2
6.45 0.2
0.46 0.1
0.50 MIN
3.3 0.3
2.54
0.25+0.1/-0.05
7.62
Q
+
_
+
_
+
_
+
_
+
_
+
_
SOP-8
L
1
4
5
8
P
D
A
0.20+0.1/-0.05
P
T
1.27
MILLIMETERS
0.4 0.1
0.15+0.1/-0.05
4.85 0.2
B2
G
H
L
D
A
B1
DIM
6.02 0.3
1.63 0.2
0.65 0.2
3.94 0.2
+
_
+
_
+
_
+
_
+
_
+
_


Similar Part No. - FA4558F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FA450 ETC2-FA450 Datasheet
37Kb / 1P
Public Address Power Amplifiers
logo
Fox Electronics
FA4500 FOX-FA4500 Datasheet
404Kb / 2P
1.8V HCMOS Automotive Grade SMD Oscillator
logo
List of Unclassifed Man...
FA4501-2DN ETC2-FA4501-2DN Datasheet
78Kb / 2P
Miniature Pre-Cabled Limit Switches FA
More results

Similar Description - FA4558F

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2041 NJRC-NJM2041 Datasheet
195Kb / 5P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER????
logo
Ceramate Technical
CO5532 CERAMATE-CO5532 Datasheet
900Kb / 6P
Dual Low-Noise Operational Amplifier
logo
ON Semiconductor
MC33077 ONSEMI-MC33077_04 Datasheet
178Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
STMicroelectronics
LM833 STMICROELECTRONICS-LM833_05 Datasheet
136Kb / 9P
Low Noise Dual Operational Amplifier
Jul-2005
MC33078 STMICROELECTRONICS-MC33078_08 Datasheet
192Kb / 15P
Low noise dual operational amplifier
03-Mar-2008
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580 Datasheet
112Kb / 9P
Dual Low Noise Operational Amplifier
logo
Tiger Electronic Co.,Lt...
LM833D TGS-LM833D Datasheet
206Kb / 5P
Low-Noise Dual Operational Amplifier
logo
New Japan Radio
NJM2068MD NJRC-NJM2068MD Datasheet
160Kb / 6P
LOW-NOISE DUAL OPERATIONAL AMPLIFIER
logo
ON Semiconductor
MC33077DG ONSEMI-MC33077DG Datasheet
179Kb / 14P
Low Noise Dual Operational Amplifier
March, 2004 ??Rev. 5
logo
Renesas Technology Corp
RNB4580 RENESAS-RNB4580_15 Datasheet
146Kb / 11P
Dual Low Noise Operational Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com