Electronic Components Datasheet Search
  English  ▼

X  

FA4558F Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FA4558F
Description  DUAL LOW NOISE OPERATIONAL AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FA4558F Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FA4558F Datasheet HTML 1Page - First Silicon Co., Ltd FA4558F Datasheet HTML 2Page - First Silicon Co., Ltd FA4558F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
20
1
V
G
FREQUENCY f
100k
1M
100
1k
10k
- f
(Hz)
SUPPLY VOLTAGE V
-15
-5
0
18
30
1k
300
100
10
V - f
NI
1
5
30
1000
3
10
V
- V ,V
OM
12
LOAD RESISTANCE R
0.1
50
100
300
500
-10
5
6
8
10
12
14
16
100
10
0
24
8
1
16
10k
100k
1M
1k
60
20
0
-20
-40
-60
30
I
I
80
50
40
20
AMBIENT TEMPERATURE Ta ( C)
-
Ta
40
60
80
100
10
10M
16
20
24
28
32
0.3 0.5
1
3
5
10
0
120
L (kΩ)
(Hz)
FREQUENCY f
CC VEE ( V)
10
(Hz)
FREQUENCY f
80
70
60
100
40
Ta=25 C
Ta=25 C
Rg=50Ω
R =2kΩ
Ta=25 C
EE
V =-15V
CC
V =15V
L
V =15V
CC
V =-15V
EE
EE
V =-15V
CC
V =15V
V =15V
CC
V =-15V
EE
Ta=25 C
Ta=25 C
EE
V =-15V
CC
V =15V
CC
EE
15
L
k
2
=
R
Ω
0
0
4
=
R
Ω
L
L
R =400Ω
R =2kΩ
L
P-P -
O
V
RL
P-P
O
V
- f
+_
2014. 5. 20
3/3
FA4558P/F
Revision No : 2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com