Electronic Components Datasheet Search
  English  ▼

X  

2979472 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 2979472
Description  Active module - UMK-32 RM/MR-G24/1/PLC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2979472 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  2979472 Datasheet HTML 1Page - PHOENIX CONTACT 2979472 Datasheet HTML 2Page - PHOENIX CONTACT 2979472 Datasheet HTML 3Page - PHOENIX CONTACT 2979472 Datasheet HTML 4Page - PHOENIX CONTACT 2979472 Datasheet HTML 5Page - PHOENIX CONTACT 2979472 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2979472
03/19/2019   Page 3 / 6
Active module - UMK-32 RM/MR-G24/1/PLC - 2979472
Technical data
Connection data for connection 1
Number of connections
1
Number of positions
50
Pitch
2.54 mm
Connection data for connection 2
Connection name
Field level
Connection method
Screw connection
Stripping length
6 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 1.5 mm²
Conductor cross section flexible
0.14 mm² ... 1.5 mm²
Conductor cross section AWG
26 ... 16
Number of connections
64
Connection data for connection 3
Connection name
Supply
Connection method
Screw connection
Stripping length
6 mm
Screw thread
M3
Conductor cross section solid
0.14 mm² ... 1.5 mm²
Conductor cross section flexible
0.14 mm² ... 1.5 mm²
Conductor cross section AWG
26 ... 14
Number of connections
4
Number of positions
2
Supported controller
Corresponding control
SIEMENS S7-400
Corresponding I/O card
6ES7 422-1BL00-0AA0
6ES7 422-7BL00-0AB0
Corresponding control
ALLEN-BRADLEY ControlLogix
Corresponding I/O card
1756-OB32
Corresponding control
ALLEN-BRADLEY PLC 5
Corresponding I/O card
1771 OBN
Corresponding control
Emerson DeltaV
Corresponding I/O card
VE4002S1T2B6
Corresponding control
GE-FANUC RX3i
Corresponding I/O card
IC694MDL754
Corresponding control
HONEYWELL Experion PKS C200
Corresponding I/O card
TC-ODD 321
Corresponding control
MITSUBISHI MELSEC L
Corresponding I/O card
LY41PT1P
LY42PT1P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com