Electronic Components Datasheet Search
  English  ▼

X  

2979472 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 2979472
Description  Active module - UMK-32 RM/MR-G24/1/PLC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2979472 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  2979472 Datasheet HTML 1Page - PHOENIX CONTACT 2979472 Datasheet HTML 2Page - PHOENIX CONTACT 2979472 Datasheet HTML 3Page - PHOENIX CONTACT 2979472 Datasheet HTML 4Page - PHOENIX CONTACT 2979472 Datasheet HTML 5Page - PHOENIX CONTACT 2979472 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
https://www.phoenixcontact.com/pi/products/2979472
03/19/2019   Page 4 / 6
Active module - UMK-32 RM/MR-G24/1/PLC - 2979472
Technical data
Supported controller
Corresponding control
MITSUBISHI MELSEC Q
Corresponding I/O card
QY81P
QY82P
Corresponding control
Schneider Electric Modicon TSX QUANTUM
Corresponding I/O card
DDO 353
Corresponding control
SIEMENS S7-1500
Corresponding I/O card
6ES7 522-1BL00-0AB0
6ES7 522-1BL01-0AB0
Corresponding control
SIEMENS S7-300 / ET 200 M
Corresponding I/O card
6ES7 322-1BL00-0AA0
Standards and Regulations
Connection in acc. with standard
CUL
Standards/regulations
DIN EN 50178
IEC 60664
Rated insulation voltage
260 V AC
Rated surge voltage
4 kV (basic insulation)
Degree of pollution
2
Overvoltage category
III
Environmental Product Compliance
REACh SVHC
Lead 7439-92-1
China RoHS
Environmentally Friendly Use Period = 50
For details about hazardous substances go to tab “Downloads”,
Category “Manufacturer's declaration”
Drawings
Circuit diagram
1,2 11,12
3
10
13,14
23,24
15
46
32
9
8
1
B0
+ -
B0 14
13
84
83
+ -
B1 B1 94
93
324
323



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com