Electronic Components Datasheet Search
  English  ▼

X  

PL2303HX Datasheet(PDF) 13 Page - Prolific Technology Inc.

Part # PL2303HX
Description  USB to Serial Bridge Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303HX Datasheet(HTML) 13 Page - Prolific Technology Inc.

Back Button PL2303HX Datasheet HTML 9Page - Prolific Technology Inc. PL2303HX Datasheet HTML 10Page - Prolific Technology Inc. PL2303HX Datasheet HTML 11Page - Prolific Technology Inc. PL2303HX Datasheet HTML 12Page - Prolific Technology Inc. PL2303HX Datasheet HTML 13Page - Prolific Technology Inc. PL2303HX Datasheet HTML 14Page - Prolific Technology Inc. PL2303HX Datasheet HTML 15Page - Prolific Technology Inc. PL2303HX Datasheet HTML 16Page - Prolific Technology Inc. PL2303HX Datasheet HTML 17Page - Prolific Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Revision Date:
May 23, 2006
ds_pl2303HX_v15F.doc
6.6 Endpoint 3 Descriptor: Bulk Data Input endpoint
Table 6-6 Endpoint3 Descriptor
Offset
Field
Size
Value
Description
0
bLength
Byte
07h
Size of this descriptor (in bytes)
1
bDescriptorType
Byte
05h
ENDPOINT descriptor type
2
bEndpointAddress
Byte
83h
Input endpoint
3
bmAttributes
Byte
02h
Transfer type is BULK
4
wMaxPacketSize
Word
0040h
64 bytes
6
bInterval
Byte
00h
Ignored field
6.7 String Descriptors
PL-2303HX supports four string descriptors:
Language ID
Manufacturer
Product
Serial Number
Except for Serial Number, the other three string descriptors are stored in the internal Mask ROM, i.e.
their contents are fixed. Serial Number is a special case. If the External EEPROM were not present, or
not properly programmed, then Serial Number would be hidden from the system. If the External
EEPROM is presented and properly programmed, then Serial Number will be read from the EEPROM.
The following tables demonstrate the current defined value for each descriptor:
6.7.1 String Descriptor 0 – Language ID
Table 6-7-1 String Descriptor – Language ID
Offset
Field
Size
Value
Description
0
bLength
Byte
04h
Size of this descriptor (in bytes)
1
bDescriptorType
Byte
03h
STRING descriptor type
2
bLANGID[0]
Word
0409h
English (United States)
6.7.2 String Descriptor 1 – Manufacturer
Table 6-7-2 String Descriptor – Manufacturer
Offset
Field
Size
Value
Description
0
BLength
Byte
32h
Size of this descriptor (in bytes)
1
bDescriptorType
Byte
03h
STRING descriptor type
2
bSTRING
⎯
⇒
“Prolific Technology Inc.” in UNICODE
PL-2303HX Product Datasheet
- 13 -
Document Version 1.5E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com