Electronic Components Datasheet Search
  English  ▼

X  

PL2303HX Datasheet(PDF) 21 Page - Prolific Technology Inc.

Part # PL2303HX
Description  USB to Serial Bridge Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROLIFIC [Prolific Technology Inc.]
Direct Link  http://www.prolific.com.tw
Logo PROLIFIC - Prolific Technology Inc.

PL2303HX Datasheet(HTML) 21 Page - Prolific Technology Inc.

Back Button PL2303HX Datasheet HTML 13Page - Prolific Technology Inc. PL2303HX Datasheet HTML 14Page - Prolific Technology Inc. PL2303HX Datasheet HTML 15Page - Prolific Technology Inc. PL2303HX Datasheet HTML 16Page - Prolific Technology Inc. PL2303HX Datasheet HTML 17Page - Prolific Technology Inc. PL2303HX Datasheet HTML 18Page - Prolific Technology Inc. PL2303HX Datasheet HTML 19Page - Prolific Technology Inc. PL2303HX Datasheet HTML 20Page - Prolific Technology Inc. PL2303HX Datasheet HTML 21Page - Prolific Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Revision Date:
May 23, 2006
ds_pl2303HX_v15F.doc
10.2 Reel Dimension
Figure 10-2 Reel Dimension
Table 10-2 Reel Part Number Information
Part Number
Normal Hub
Width
W1 +0.3mm
-0.2mm
W2 Max
RD33008SW-T + RD33008SW-T
16mm
16.8mm
22.2mm
11.0 Ordering Information
Table 11-1 Ordering Information
Part Number
Package Type
PL-2303HX
28-pin SSOP
PL-2303HX LF
28-pin SSOP (Lead-Free or Pb-Free)
PL-2303HX Product Datasheet
- 21 -
Document Version 1.5E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com