Electronic Components Datasheet Search
  English  ▼

X  

SSD1963 Datasheet(PDF) 42 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 38Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 39Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 40Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 41Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 42Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 43Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 44Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 45Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 93 page
background image
Solomon Systech
Jan 2010
P 42/93
Rev 1.1
SSD1963
9.29 read_memory_continue
Command
0x3E
Parameters
None
D/C
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Command
0
0
0
1
1
1
1
1
0
3E
Description
Read image data from the SSD1963 to host processor continuing after the last read_memory_continue (0x3E) or
read_memory_start (0x2E).
If set_address_mode (0x36) A[5] = 0:
Pixels are read continuing from the pixel location after the read range of the previous read_memory_start (0x2E) or
read_memory_continue (0x3E). The column address is then incremented and pixels are read from the frame buffer until
the column address equals the End Column (EC) value. The column address is then reset to SC and the page address is
incremented. Pixels are read from the frame buffer until the page address equals the End Page (EP) value and the column
address equals the EC value, or the host processor sends another command.
If set_address_mode (0x36) A[5] = 1:
Pixels are read continuing from the pixel location after the read range of the previous read_memory_start (0x2E) or
read_memory_continue (0x3E). The page address is then incremented and pixels are read from the frame buffer until the
page address equals the End Page (EP) value. The page address is then reset to SP and the column address is
incremented. Pixels are read from the frame buffer until the column address equals the End Column (EC) value and the
page address equals the EP value, or the host processor sends another command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com