Electronic Components Datasheet Search
  English  ▼

X  

SSD1963 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SSD1963
Description  1215KB Embedded Display SRAM LCD Display Controller
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SSD1963 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SSD1963 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1963 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 93 page
background image
Solomon Systech
Jan 2010
P 8/93
Rev 1.1
SSD1963
1
GENERAL DESCRIPTION
SSD1963 is a display controller of 1215K byte frame buffer to support up to 864 x 480 x 24bit graphics
content. It also equips parallel MCU interfaces in different bus width to receive graphics data and command
from MCU. Its display interface supports common RAM-less LCD driver of color depth up to 24 bit-per-
pixel.
2
FEATURES
• Display feature
− Built-in 1215K bytes frame buffer. Support up to 864 x 480 at 24bpp display
− Support TFT 18/24-bit generic RGB interface panel
− Support 8-bit serial RGB interface
− Hardware rotation of 0, 90, 180, 270 degree
− Hardware display mirroring
− Hardware windowing
− Programmable brightness, contrast and saturation control
− Dynamic Backlight Control (DBC) via PWM signal
• MCU connectivity
− 8/9/16/18/24-bit MCU interface
− Tearing effect signal
• I/O Connectivity
− 4 GPIO pins
• Built-in clock generator
• Deep sleep mode for power saving
• Core supply power (V
DDPLL and VDDD): 1.2V±0.1V
• I/O supply power(V
DDIO): 1.65V to 3.6V
•
LCD interface supply power (VDDLCD): 1.65V to 3.6V
3
ORDERING INFORMATION
Table 3-1: Ordering Information
Ordering Part Number
Package Form
SSD1963G41
TFBGA-80 (Tray)
SSD1963QL9
LQFP-128 (Tray)
SSD1963QL9R
LQFP-128 (Tape & Reel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com