Electronic Components Datasheet Search
  English  ▼

X  

CSMS3F3CY1602 Datasheet(PDF) 21 Page - Eaton All Rights Reserved.

Part # CSMS3F3CY1602
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSMS3F3CY1602 Datasheet(HTML) 21 Page - Eaton All Rights Reserved.

Back Button CSMS3F3CY1602 Datasheet HTML 17Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 18Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 19Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 20Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 21Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 22Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 23Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 24Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 25Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 102 page
background image
V8-T3-20
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.2
Inductive Proximity Sensors
E57P Performance Series Sensors
Three-Wire Sensors, continued
Compatible Connector Cables
Standard Cables 1
Accessories
E57P Performance Sensors
Notes
See listing of compatible connector cables on Page V8-T3-20.
1 For cable lengths longer than 2 meters, add the number of the desired length in meters to the end of the listed catalog number (for catalog numbers ending with a
number, add an S and then the length). Examples for a 5-meter cable: E57-18LE12-A becomes E57-18LE12-A5; E57LAL12A2 becomes E57LAL12A2S5.
2 For a full selection of connector cables, see Tab 10, section 10.1.
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type 1
NO Output
Catalog Number
NC Output
Catalog Number
30 mm Diameter End Sensing
10–48 Vdc
10 mm
(standard range)
Shielded
(PNP)
2-meter cable
E57P-30SPN10-C2
E57P-30SPC10-C2
4-pin micro DC connector
E57P-30SPN10-Q
E57P-30SPC10-Q
Shielded
(NPN)
2-meter cable
E57P-30SNN10-C2
E57P-30SNC10-C2
4-pin micro DC connector
E57P-30SNN10-Q
E57P-30SNC10-Q
15 mm
(standard range)
Unshielded
(PNP)
2-meter cable
E57P-30UPN15-C2
E57P-30UPC15-C2
4-pin micro DC connector
E57P-30UPN15-Q
E57P-30UPC15-Q
Unshielded
(NPN)
2-meter cable
E57P-30UNN15-C2
E57P-30UNC15-C2
4-pin micro DC connector
E57P-30UNN15-Q
E57P-30UNC15-Q
15 mm
(extended range)
Shielded
(PNP)
2-meter cable
E57P-30SPN15-C2
E57P-30SPC15-C2
4-pin micro DC connector
E57P-30SPN15-Q
E57P-30SPC15-Q
Shielded
(NPN)
2-meter cable
E57P-30SNN15-C2
E57P-30SNC15-C2
4-pin micro DC connector
E57P-30SNN15-Q
E57P-30SNC15-Q
22 mm
(extended range)
Unshielded
(PNP)
2-meter cable
E57P-30UPN22-C2
E57P-30UPC22-C2
4-pin micro DC connector
E57P-30UPN22-Q
E57P-30UPC22-Q
Unshielded
(NPN)
2-meter cable
E57P-30UNN22-C2
E57P-30UNC22-C2
4-pin micro DC connector
E57P-30UNN22-Q
E57P-30UNC22-Q
Current Rating
at 600 V
Voltage
Style
Number
of Pins
Gauge
Length
Pin Configuration/Wire Colors
(Face View Female Shown)
PVC Jacket
Catalog Number
PUR Jacket
Catalog Number
Micro-Style, Straight Female
—DC
4-pin,
4-wire
22 AWG
6.0 ft (2m)
CSDS4A4CY2202
CSDS4A4RY2202
Description
Reference
Mounting brackets
See Tab 8,
section 8.2
Replacement mounting nuts and other accessories
See Tab 8,
section 8.3
Connector cables
See Tab 10,
section 10.1
30 mm
Micro-Style
Straight Female
1-Brown
2-White
3-Blue
4-Black



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com