Electronic Components Datasheet Search
  English  ▼

X  

CSMS3F3CY1602 Datasheet(PDF) 39 Page - Eaton All Rights Reserved.

Part # CSMS3F3CY1602
Description  Stainless steel tube
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CSMS3F3CY1602 Datasheet(HTML) 39 Page - Eaton All Rights Reserved.

Back Button CSMS3F3CY1602 Datasheet HTML 35Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 36Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 37Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 38Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 39Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 40Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 41Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 42Page - Eaton All Rights Reserved. CSMS3F3CY1602 Datasheet HTML 43Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 102 page
background image
V8-T3-38
Volume 8—Sensing Solutions
CA08100010E—September 2017
www.eaton.com
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3
3.5
Inductive Proximity Sensors
E57 Two-Wire (AC, AC/DC, DC) Proximity Sensors
Stainless Steel Short Body
Two-Wire Sensors
Notes
See listing of compatible connector cables on Page V8-T3-40.
1 Cable models are supplied as standard with a 2-meter cable. A 5-meter cable is available by adding S5 to the catalog number.
Example: E57SAL12T110 becomes E57SAL12T110S5.
2 Avoid wiring these AC/DC models in series as the sensors may not perform reliably. Contact Eaton’s Applications Engineering
at 1-800-426-9184 with questions.
Operating
Voltage
Sensing
Range (Sn)
Shielding
Connection Type 1
NO Output
Catalog Number
NC Output
Catalog Number
12 mm Diameter
20–250 Vac
2 mm
Shielded
2-meter cable
E57SAL12A4
E57SBL12A4
3-pin micro AC connector
E57SAL12A4SA
E57SBL12A4SA
4 mm
Unshielded
2-meter cable
E57SAL12A4E
E57SBL12A4E
3-pin micro AC connector
E57SAL12A4EA
E57SBL12A4EA
40–250 Vac
50/60 Hz2
20–250 Vdc
2 mm
Shielded
2-meter cable
E57SAL12A2
E57SBL12A2
3-pin micro AC connector
E57SAL12A2SA
E57SBL12A2SA
4 mm
Unshielded
2-meter cable
E57SAL12A2E
E57SBL12A2E
3-pin micro AC connector
E57SAL12A2EA
E57SBL12A2EA
18 mm Diameter
20–250 Vac
5 mm
Shielded
2-meter cable
E57SAL18A4
E57SBL18A4
3-pin micro AC connector
E57SAL18A4SA
E57SBL18A4SA
8 mm
Unshielded
2-meter cable
E57SAL18A4E
E57SBL18A4E
3-pin micro AC connector
E57SAL18A4EA
E57SBL18A4EA
40–250 Vac
50/60 Hz2
20–250 Vdc
5 mm
Shielded
2-meter cable
E57SAL18A2
E57SBL18A2
3-pin micro AC connector
E57SAL18A2SA
E57SBL18A2SA
8 mm
Unshielded
2-meter cable
E57SAL18A2E
E57SBL18A2E
3-pin micro AC connector
E57SAL18A2EA
E57SBL18A2EA
30 mm Diameter
20–250 Vac
10 mm
Shielded
2-meter cable
E57SAL30A4
E57SBL30A4
3-pin micro AC connector
E57SAL30A4SA
E57SBL30A4SA
15 mm
Unshielded
2-meter cable
E57SAL30A4E
E57SBL30A4E
3-pin micro AC connector
E57SAL30A4EA
E57SBL30A4EA
40–250 Vac
50/60 Hz2
20–250 Vdc
10 mm
Shielded
2-meter cable
E57SAL30A2
E57SBL30A2
3-pin micro AC connector
E57SAL30A2SA
E57SBL30A2SA
15 mm
Unshielded
2-meter cable
E57SAL30A2E
E57SBL30A2E
3-pin micro AC connector
E57SAL30A2EA
E57SBL30A2EA
12 mm
18 mm
30 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com