Electronic Components Datasheet Search
  English  ▼

X  

OVS3W Datasheet(PDF) 8 Page - TT Electronics.

Part # OVS3W
Description  3-Watt SMD 6x6mm White
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS3W Datasheet(HTML) 8 Page - TT Electronics.

  OVS3W Datasheet HTML 1Page - TT Electronics. OVS3W Datasheet HTML 2Page - TT Electronics. OVS3W Datasheet HTML 3Page - TT Electronics. OVS3W Datasheet HTML 4Page - TT Electronics. OVS3W Datasheet HTML 5Page - TT Electronics. OVS3W Datasheet HTML 6Page - TT Electronics. OVS3W Datasheet HTML 7Page - TT Electronics. OVS3W Datasheet HTML 8Page - TT Electronics. OVS3W Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 12/06
Page 8 of 9
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
12±0.1
Ø1.
5
+0.2
5
-0
2±0.01
4±0.1
6.45±0.1
0.343±0.02
.3-Watt SMD 6mm White
OVS3W Series
Taping and Orientation—Flat Lens
Loaded quantity 2000 pieces per reel
01.5
2.08±0.1
+0.1
-0
5.08±0.1
Taping and Orientation—Dome Lens
Loaded quantity 1000 pieces per reel
8±0.1
2±0.05 4±0.1
8°
0.318±0.01



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com