Electronic Components Datasheet Search
  English  ▼

X  

OVS3W Datasheet(PDF) 3 Page - TT Electronics.

Part # OVS3W
Description  3-Watt SMD 6x6mm White
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OVS3W Datasheet(HTML) 3 Page - TT Electronics.

  OVS3W Datasheet HTML 1Page - TT Electronics. OVS3W Datasheet HTML 2Page - TT Electronics. OVS3W Datasheet HTML 3Page - TT Electronics. OVS3W Datasheet HTML 4Page - TT Electronics. OVS3W Datasheet HTML 5Page - TT Electronics. OVS3W Datasheet HTML 6Page - TT Electronics. OVS3W Datasheet HTML 7Page - TT Electronics. OVS3W Datasheet HTML 8Page - TT Electronics. OVS3W Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue A 12/06
Page 3 of 9
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
.3-Watt SMD 6mm White
OVS3W Series
Optical and Electrical Characteristics—Flat Lens (IF = 120 mA, TA = 25°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
----
3.6
4.2
V
Luminous Flux
----
7
----
lm
2 ½
50% Power Angle
----
120
----
deg
IR
Reverse Current at 5V
----
10
----
µA
IF
Luminous Intensity
2.8
3.2
4.5
cd
0.20
0.22
0.24
0.26
0.28
0.30
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.26 0.27 0.28 0.29 0.30 0.31 0.32 0.33 0.34 0.35 0.36
Standard Bins
Lamps are sorted to luminous flux ( ), chromaticity coordinates, and correlated color temperature (CCT) bins
shown. Orders may be filled with any or all bins contained as below.
Optical and Electrical Characteristics—Dome Lens (IF = 120 mA, TA = 25°C)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
VF
Forward Voltage
----
3.6
4.0
V
Luminous Flux
----
7
----
lm
2 ½
50% Power Angle
----
60
----
deg
IR
Reverse Current at 5V
----
10
----
µA
IV
Luminous Intensity
7
9
14
cd
X1
X2
X3
Y1
Y2
White Bin Structure
Y3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com