Electronic Components Datasheet Search
  English  ▼

X  

LS1088A Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LS1088A
Description  QorIQ LS1088A Data Sheet
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1088A Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LS1088A Datasheet HTML 45Page - NXP Semiconductors LS1088A Datasheet HTML 46Page - NXP Semiconductors LS1088A Datasheet HTML 47Page - NXP Semiconductors LS1088A Datasheet HTML 48Page - NXP Semiconductors LS1088A Datasheet HTML 49Page - NXP Semiconductors LS1088A Datasheet HTML 50Page - NXP Semiconductors LS1088A Datasheet HTML 51Page - NXP Semiconductors LS1088A Datasheet HTML 52Page - NXP Semiconductors LS1088A Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 196 page
background image
Table 1. Pinout list by bus (continued)
Signal
Signal description
Package
pin
number
Pin
type
Power supply
Notes
NC_AA15
No Connection
AA15
---
---
12
NC_AB10
No Connection
AB10
---
---
12
NC_AB11
No Connection
AB11
---
---
12
NC_AB16
No Connection
AB16
---
---
12
NC_B1
No Connection
B1
---
---
12
NC_B2
No Connection
B2
---
---
12
NC_B5
No Connection
B5
---
---
12
NC_B6
No Connection
B6
---
---
12
NC_G5
No Connection
G5
---
---
12
NC_J14
No Connection
J14
---
---
12
NC_J15
No Connection
J15
---
---
12
NC_J16
No Connection
J16
---
---
12
NC_J17
No Connection
J17
---
---
12
NC_P21
No Connection
P21
---
---
12
NC_P5
No Connection
P5
---
---
12
NC_R4
No Connection
R4
---
---
12
NC_T5
No Connection
T5
---
---
12
NC_U4
No Connection
U4
---
---
12
NC_U5
No Connection
U5
---
---
12
NC_V5
No Connection
V5
---
---
12
NC_W5
No Connection
W5
---
---
12
NC_Y17
No Connection
Y17
---
---
12
NC_Y18
No Connection
Y18
---
---
12
NC_Y19
No Connection
Y19
---
---
12
NC_Y5
No Connection
Y5
---
---
12
NC_F12
No Connection
F12
---
---
12
1. Functionally, this pin is an output or an input, but structurally it is an I/O because it
either samples configuration input during reset, is a muxed pin, or has other
manufacturing test functions. Therefore, this pin is described as an I/O for boundary scan.
2. This output is actively driven during reset rather than being tri-stated during reset.
3. MDIC[0] is grounded through a 162 Ω precision 1% resistor and MDIC[1] is
connected to GVDD through a 162 Ω precision 1% resistor. For either full or half driver
strength calibration of DDR I/Os, use the same MDIC resistor value of 162 Ω. The
memory controller register setting can be used to determine automatic calibration is done
to full or half drive strength. These pins are used for automatic calibration of the DDR4
I/Os.
Pin assignments
QorIQ LS1088A Data Sheet, Rev. 0, 01/2018
NXP Semiconductors
49



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com