Electronic Components Datasheet Search
  English  ▼

X  

LS1088A Datasheet(PDF) 80 Page - NXP Semiconductors

Part # LS1088A
Description  QorIQ LS1088A Data Sheet
PDF  196 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LS1088A Datasheet(HTML) 80 Page - NXP Semiconductors

Back Button LS1088A Datasheet HTML 76Page - NXP Semiconductors LS1088A Datasheet HTML 77Page - NXP Semiconductors LS1088A Datasheet HTML 78Page - NXP Semiconductors LS1088A Datasheet HTML 79Page - NXP Semiconductors LS1088A Datasheet HTML 80Page - NXP Semiconductors LS1088A Datasheet HTML 81Page - NXP Semiconductors LS1088A Datasheet HTML 82Page - NXP Semiconductors LS1088A Datasheet HTML 83Page - NXP Semiconductors LS1088A Datasheet HTML 84Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 196 page
background image
Table 34. eSDHC interface DC electrical characteristics (E/D/OVDD=1.8 V)3 (continued)
Characteristic
Symbol
Min
Max
Unit
Notes
Input/output leakage current
(IIN/IOZ)
-10
10
μA
2
Notes:
1. The min VIL and max VIH values are based on the respective min and max E/D/OVIN values found in the Table 3.
2. Open-drain mode is for MMC cards only.
3. At recommended operating conditions with E/D/OVDD = 1.8 V.
3.12.2 eSDHC AC timing specifications
This section provides the AC timing specifications.
This table provides the eSDHC AC timing specifications as defined in Figure 14, Figure
15, and Figure 16.
Table 35. eSDHC AC timing specifications (full-speed/high-speed mode)6
Parameter
Symbol1
Min
Max
Unit
Notes
SDHC_CLK clock frequency:
fSHSCK
0
25/50
20/52
MHz
2, 4
• SD/SDIO (full-speed/high-speed mode)
• MMC (full-speed/high-speed mode)
SDHC_CLK clock low time (full-speed/high-speed mode)
tSHSCKL
10/7
-
ns
4
SDHC_CLK clock high time (full-speed/high-speed mode)
tSHSCKH
10/7
-
ns
4
SDHC_CLK clock rise and fall times
tSHSCKR/
tSHSCKF
-
3
ns
4
Input setup times: SDHC_CMD, SDHC_DATx, SDHC_CD to
SDHC_CLK
tSHSIVKH
2.5
-
ns
3, 4, 5
Input hold times: SDHC_CMD, SDHC_DATx, SDHC_CD to
SDHC_CLK
tSHSIXKH
2.5
-
ns
4, 5
Output hold time: SDHC_CLK to SDHC_CMD, SDHC_DATx
valid
tSHSKHOX
-3
-
ns
4, 5
Output delay time: SDHC_CLK to SDHC_CMD, SDHC_DATx
valid
tSHSKHOV
-
3
ns
4, 5
Notes:
1. The symbols used for timing specifications herein follow the pattern of t(first two letters of functional block)(signal)(state) (reference)(state)
for inputs and (first two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tSHKHOX symbolizes eSDHC high-
speed mode device timing (SH) clock reference (K) going to the high (H) state, with respect to the output (O) reaching the
invalid state (X) or output hold time. Note that in general, the clock reference symbol is based on five letters representing the
clock of a particular functional. For rise and fall times, the latter convention is used with the appropriate letter: R (rise) or F
(fall).
2. In full-speed mode, the clock frequency value can be 0-25MHz for an SD/SDIO card and 0-20MHz for an MMC card. In
high-speed mode, the clock frequency value can be 0-50MHz for an SD/SDIO card and 0-52MHz for an MMC card.
Electrical characteristics
QorIQ LS1088A Data Sheet, Rev. 0, 01/2018
80
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com