Electronic Components Datasheet Search
  English  ▼

X  

SAM2653 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SAM2653
Description  INTEGRATED DIGITAL MUSIC INSTRUMENT
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2653 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SAM2653 Datasheet HTML 15Page - List of Unclassifed Manufacturers SAM2653 Datasheet HTML 16Page - List of Unclassifed Manufacturers SAM2653 Datasheet HTML 17Page - List of Unclassifed Manufacturers SAM2653 Datasheet HTML 18Page - List of Unclassifed Manufacturers SAM2653 Datasheet HTML 19Page - List of Unclassifed Manufacturers SAM2653 Datasheet HTML 20Page - List of Unclassifed Manufacturers SAM2653 Datasheet HTML 21Page - List of Unclassifed Manufacturers SAM2653 Datasheet HTML 22Page - List of Unclassifed Manufacturers SAM2653 Datasheet HTML 23Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21
SAM2653
11- RECOMMENDED BOARD LAYOUT
Like all HCMOS high integration ICs, following simple rules of board layout is mandatory
for reliable operations:
 GND, VD33 distribution, decoupling
All GND, AGND, VD33, VA33 pins should be connected. A GND plane is strongly
recommended below the SAM2653. The board GND + VD33 planes could be in grid
form to minimize EMI.
Recommended decoupling is 4.7 or 10µF close to OUTVC12 pin. VD33 requires 0.1uF
at each corner of the IC with an additional 10µFT capacitor should be placed close to
the crystal.
 Crystal
The paths between the crystal, the crystal compensation capacitors and the SAM2653
should be short and shielded. The ground return from the compensation capacitors
should be the GND plane from SAM2653.
 Busses
Parallel layout from DB0-DB7 and WA0-WA24/WD0-WD15 should be avoided. The
DB0-DB7 bus is an asynchronous type bus. Even on short distances, it can induce
pulses on WA0-WA24/WD0-WD15 which can corrupt address and/or data on these
busses.
A ground plane should be implemented below the DB0-DB7 bus.
A ground plane should be implemented below the WA0-WA24/WD0-WD15 bus, which
connects both to the ROM/Flash grounds and to the SAM2653.
 Analog section
A specific AGND ground plane should be provided, which connects by a single trace to
the GND ground. No digital signals should cross the AGND plane. Refer to the Codec
vendor recommended layout for correct implementation of the analog section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com