Electronic Components Datasheet Search
  English  ▼

X  

SAM2655 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SAM2655
Description  INTEGRATED DIGITAL MUSIC INSTRUMENT WITH BUILT-IN CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2655 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SAM2655 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
SAM2655
1- MAIN FEATURES
The SAM2655 provides a new generation of integrated solutions for electronic musical
instruments. The SAM2655 includes all key circuitry into a single silicon chip:
- sound synthesizer/processor
- 16-bit control processor
- interface with keyboards, switches, sliders, LEDs, LCD display, etc
- audio CODEC
The synthesis/sound processing core of the SAM2655 is taken from the SAM2000
series, whose quality has already been demonstrated through a lot of different musical
products: E.Pianos, home keyboards, professional keyboards, classical organs, sound
expanders. The maximum polyphony is 64 voices without effects. A typical application
will be 38-voice polyphony with reverb, chorus, 4-band equalizer and surround.
The SAM2655 is directly compatible with most available musical keyboards. This
includes configuration options for spring or rubber type contacts, common anode or
common cathode type matrix. A 64 µs timing accuracy for velocity detection provides a
very reliable dynamic response even with low cost unweighted keyboards. The time
between contacts is coded with 256 steps on a logarithmic time scale, then converted
by software to a 128-step MIDI scale according to the type of keyboard and a selected
keyboard sensitivity.
The SAM2655 can handle directly up to 176 switches. Switches, organized in matrix
form, require only a serial diode. Up to 88 LEDs can be directly controlled by the
SAM2655 in a time multiplexed way. Additional LEDs can be connected through
additional external shift registers using the GPIO lines (general purpose I/O) of the
SAM2655. The built-in analog to digital converter of the SAM2655 allows connecting
continuous controllers like pitch-bend wheel, modulation, volume sliders, tempo sliders,
etc. Up to 16 sliders can be connected.
The SAM2655 can be directly connected to most LCD displays through an 8-bit
dedicated data bus and 3 control signals.
SAM2655
 Keyboards
 Switches
 Leds
 LCD display
 Sliders
 Midi in/out
 Serial flash
 Mike In
ROM
Typical Application
Audio OUT
(Stereo)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com