Electronic Components Datasheet Search
  English  ▼

X  

SAM2655 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SAM2655
Description  INTEGRATED DIGITAL MUSIC INSTRUMENT WITH BUILT-IN CODEC
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM2655 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SAM2655 Datasheet HTML 1Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM2655 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
SAM2655
Configuration options allow the SAM2655 to cover a wide range of musical products,
from the lowest cost keyboard to the high range digital piano, thanks to flexible memory
and I/O organization: built-in 64k bytes RAM, up to 64M bytes external memory for
firmware, orchestrations and PCM data. The external memory can be ROM, RAM or
FLASH. Memory types can be mixed, but for most applications there is no need for
external RAM memory as the built-in 64k bytes RAM is enough to handle firmware
variables and reverb delay lines. External flash memory can be programmed on-board
from a host processor through the SAM2655.
The SAM2655 operates from a single 12.2880 MHz crystal. A built-in PLL raises the
frequency to 49.152MHz for internal processing. This allows to minimize radio
frequency interference (RFI), making it easier to comply with FCC, CSA, CE standards.
A power-down feature is also included which can be controlled externally (RST/PD/ pin).
This makes the SAM2655 very suitable for battery operated instruments.
The SAM2655 has been designed with final instrument quick time to market in mind.
The SAM2655 product development program includes key features to minimize product
development efforts:
-
C compiler for built-in P16 processor
-
Specialized debug interface, allowing on-target software development with a
source code debugger.
-
Standard sound generation/processing firmware
-
Standard orchestration firmware
-
Windows tools for sounds, sound banks and orchestrations developments
-
Standard sound banks
-
Strong technical support available directly from Dream



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com