Electronic Components Datasheet Search
  English  ▼

X  

SAM5704B Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SAM5704B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5704B Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SAM5704B Datasheet HTML 1Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 2Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 3Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 4Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 5Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 6Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 7Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 8Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
SAM5704B
SAM5704B.pdf
– Rev 14/05/2018
2
© 2015-2018 Dream S.A.S., France
CPU
P16XT
Main RAM
P16XT-RAM
Code/Cache
Data
P16XT-Cache
Controller
ON/OFF
GPIO Ports
Timers, UART
Watchdog
DSP ARRAY
4 x P24XT
192kbit RAM
Router
Final ACC MIX
Audio OUT
Audio IN
I2S Digital
Audio I/F
DABD0-7 / DAAD0-7
WSBD/CLBD/CKOUT
XWSBD/XCLBD
Sync Bus
Fast Async Bus
FBUS
Configurable
Embedded RAM
896kbit
Main-RAM
P16XT-RAM
768kb
128kb
576kb
320kb
192kb
704kb
Parallel I/F, LCD
Serial MIDI
Debug
Sample
Cache
System
Multi-channel
DMA
Controller
Async Busses
XBUS
USB Port
Host/Device
or Dual Role
USB2.0 HS
DP/DM
RMII
Interface
SPDIF
SPDIF OUT
SPDIF IN
Two-port
Memory
Controller
Memory
Port 0
Memory
Port 1
Multi-
purpose
Quad SPI
NOR-Flash
Synchro
& Clock
Management
// HOST I/F
External Host
COMMUNICATION
10/100MB
Ethernet
MAC
eFuse
Security
SAM5704B
PWM
VIO’s
Keyboard, Sliders
Switches, LEDS
10-bit ADC
1kW Boot ROM
8kW Fast RAM
VIN
-
8-bit NAND-Flash
Quad-SPI NOR Flash
16-bit SDR/SRAM/NOR-Flash
16-bit SDR/SRAM
Quad-SPI RAM
1. SAM5704B Internal Architecture
1.1.
Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com