Electronic Components Datasheet Search
  English  ▼

X  

SAM5704B Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # SAM5704B
Description  AUDIO & MUSIC MULTI-DSP PROCESSOR
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SAM5704B Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button SAM5704B Datasheet HTML 17Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 18Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 19Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 20Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 21Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 22Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 23Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 24Page - List of Unclassifed Manufacturers SAM5704B Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 89 page
background image
SAM5704B
SAM5704B.pdf
– Rev 14/05/2018
21
© 2015-2018 Dream S.A.S., France
4.3.2. Test, Reset, Oscillators, USB, ADC, MIDI / UART, Debug
Pin name
Pin#
Type
Mem
Cfg
Description
TEST
2
In PD
1-6
Test input. Should be grounded or left open.
RST/
1
In
1-6
Master reset and Power down. Schmitt trigger input. RST/
should be held low during at least 10ms after power is
applied.
On the rising edge of RST/ the chip enters its initialization
routine.
OSC1_X1-
OSC1_X2
89,90
-
1-6
Main Oscillator OSC1
- Dual crystal design: 12 MHz external crystal connection for
USB embedded Ports and Ethernet controller.
- Single crystal design: USB, Ethernet, System and audio
clocks are derived fromOSC1. Crystal value can be:
° 12MHz if USB or Ethernet in use.
° 11.2896MHz or 12.288MHz if USB is not used
- An external clock can be connected to OSC1_X1.
OSC2_X1-
OSC2_X2
121,122
-
1-6
- Dual crystal design: System and audio clocks are derived
from
OSC2_X1-OSC2_X2.
Crystal
value
can
be
11.2896MHz or 12.288MHz.
-
Single
crystal
design:
These
pins
should
be
left
unconnected.
- An external clock can be connected to OSC2_X1. (e.g.,
enslavement to external VCX0 driven by SAM5704B PWM
generator)
USBDM
92
I/O
1-6
USB D- connection (analog) of USB Port
USBDP
93
I/O
1-6
USB D+ connection (analog) of USB Port
USBREF
95
In
1-6
A 12k
Ω ± 1% resistor should be connected between this pin
and GNDU. Unconnected if USB Port is not used.
USBID
87
In 5VT
1-6
USB ID. Detect if A device or B device in case of USB Port
running in Dual Role mode.
MIDI_OUT2
87
Out DR4
1-6
Additional Serial MIDI Out (UART Tx)
P8.15
87
I/O 5VT DR4
1-6
General purpose I/O pin.
VIN
65
In
1-6
Analog input of embedded ADC: Multiple sliders should be
connected through external analog multiplexer like 4051.
Channels should be selected by ROW0-ROW3 if available,
or GPIOs.
MIDI_IN1
5
In 5VT (PU)
1-6
Serial MIDI In (UART Rx)
MIDI_IN2
5
In 5VT (PU)
1-6
Additional Serial MIDI In (UART Rx)
P0.14
5
I/O 5VT (PU)
DR4
1-6
General purpose I/O pin.
MIDI_OUT1
6
Out DR4
1-6
Serial MIDI Out (UART Tx)
P0.9
6
I/O DR4
1-6
General purpose I/O pin.
MC2
6
In
1-6
Memory Config 2. This pin is sensed at power up.
MC2|MC1|MC0 setting allows boot ROM code to start the
right Memory Config.
STIN
3
In PD
1-6
Serial test input. This is a 57.6 kbauds asynchronous input
used for firmware debugging. This pin is tested at power-up.
The built-in debugger starts if STIN is found high. It should
be grounded or left open for normal operation.
STOUT
4
Out DR4
1-6
Serial test output. 57.6 kbauds async output used for
firmware debugging.
MIDI_IN2
4
In 5VT (PU)
1-6
Additional Serial MIDI In (UART Rx)
P0.15
4
I/O 5VT (PU)
DR4
1-6
General purpose I/O pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com