Electronic Components Datasheet Search
  English  ▼

X  

TCUD Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # TCUD
Description  Board-to-wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

TCUD Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  TCUD Datasheet HTML 1Page - JST Mfg. Co., Ltd. TCUD Datasheet HTML 2Page - JST Mfg. Co., Ltd. TCUD Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
TCUD CONNECTOR
Female terminal
Female connector
Male connector
7,500
7,000
Q’ty/reel
Applicable wire range
Insulation O.D.
(mm)
Model No.
SZRO-A021T-M0.64
SZRO-A031T-M0.64
Conductor
(mm2)
0.3 to 0.5
0.75 to 0.85
1.4 to 1.7
1.8 to 1.9
Material and Finish
Copper alloy, tin-plated (reflow treatment)
6.6
8.2
60.2
0.85
(2.55)
1
33
48
16
JST
Material and Finish
Housing: Glass-filled PBT
Seal: Silicone
Lever: POM
Housing: Glass-filled PBT
Pin: Brass, tin-plated (reflow treatment)
A
A
384
384
Black
Black
Brown
Blue
0.5 to 0.85
0.3 to 0.85
Applicable
wire range (mm2)
Key
Code
48
Circuits
Model No.
48ZRO-B-1A
48ZRO-B-3A
Wire seal
Color
Housing
Color
Q’ty/box
Note: Applied to 0.75 mm2 and 0.85 mm2 wires has a limit to an arrangement
and number of wires. Refer to the drawing or contact JST for details.
Black
Material and Finish
192
Q’ty/reel
Housing Color
Model No.
Circuits
S48B-TCUDK-1
Key Code
A
48
2.55
0.85
□
0.64
(56.4)
52.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com