Electronic Components Datasheet Search
  English  ▼

X  

TCUD Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # TCUD
Description  Board-to-wire
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

TCUD Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  TCUD Datasheet HTML 1Page - JST Mfg. Co., Ltd. TCUD Datasheet HTML 2Page - JST Mfg. Co., Ltd. TCUD Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TCUDCONNECTOR Board-to-wire
Board-to-wire
This connector is 48 circuits sealed and lever type
connector.
Female connector is ZRO, and TCUD male connector is
lower height than ZRO male connector.
●Lower profile
The height from PC board is lower than ZRO connector.
●Improvement of Operability
The lever is adopted to decrease the connector mating force.
The fixing part to PC board is lightly press-fitted boss configuration
in consideration of the workability when assembling.
●Sealed
Mat seal is adopted for improving the workability of wire seal part.
●Durability
Heat resistant specification corresponding up to 125 .
●Variation
If the optional harness cover is used, the harness can be
taken out from the side.
●Current rating: Power/ 7 A DC
Signal/ 5 A DC
●Withstanding voltage: 1,000 VAC/minute
●Temperature range: -40°C to +125°C
(including temperature rise in applying
electrical current)
●Contact resistance: Initial value/ 8 mΩmax.
After environmental tests/ 16 mΩ max.
●Insulation resistance: 100 MΩmin.
●Applicable wire: AVSS
0.3 mm2 to 0.85 mm2
AESSX-f 0.3 mm2 to 0.75 mm2
Features
Specifications
* Compliant with ELV/RoHS2.
* Contact JST for details.


Similar Part No. - TCUD

ManufacturerPart #DatasheetDescription
logo
Red Lion Controls. Inc
TCU00000 REDLION-TCU00000 Datasheet
1Mb / 10P
MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00001 REDLION-TCU00001 Datasheet
1Mb / 10P
MODEL TCU - TEMPERATURE CONTROL UNIT
TCU00002 REDLION-TCU00002 Datasheet
1Mb / 10P
MODEL TCU - TEMPERATURE CONTROL UNIT
TCU10000 REDLION-TCU10000 Datasheet
1Mb / 10P
MODEL TCU - TEMPERATURE CONTROL UNIT
TCU10000 REDLION-TCU10000 Datasheet
1Mb / 10P
MODEL TCU - TEMPERATURE CONTROL UNIT
More results

Similar Description - TCUD

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
87942-7001 MOLEX-87942-7001 Datasheet
168Kb / 2P
Wire-to-Board Connector
logo
Dubilier
DBC12.542T DUBILIER-DBC12.542T Datasheet
176Kb / 1P
BOARD TO WIRE CONNECTORS
DBC13.962T DUBILIER-DBC13.962T Datasheet
913Kb / 1P
BOARD TO WIRE CONNECTORS
DBC22.52T DUBILIER-DBC22.52T Datasheet
326Kb / 1P
BOARD TO WIRE CONNECTORS
DBC23.96PH2T DUBILIER-DBC23.96PH2T Datasheet
178Kb / 1P
BOARD TO WIRE CONNECTORS
DBC32.52T DUBILIER-DBC32.52T Datasheet
440Kb / 1P
BOARD TO WIRE CONNECTORS
logo
Tyco Electronics
1-177648-8 MACOM-1-177648-8 Datasheet
3Mb / 22P
Wire-to-Board, Wire-to-Panel and Wire-to-Wire
logo
Adam Technologies, Inc.
25SH-B-XX-MTS ADAM-TECH-25SH-B-XX-MTS Datasheet
79Kb / 1P
WIRE TO BOARD PITCH
logo
JST Mfg. Co., Ltd.
ATLC JST-ATLC Datasheet
125Kb / 2P
Board to wire
logo
List of Unclassifed Man...
4071-XXTXB ETC-4071-XXTXB Datasheet
167Kb / 1P
2.54mm Wire to Board
Ver.No. B3
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com