Electronic Components Datasheet Search
  English  ▼

X  

UBC Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # UBC
Description  USB (Universal Serial Bus) Conforming Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

UBC Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  UBC Datasheet HTML 1Page - JST Mfg. Co., Ltd. UBC Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
UBCCONNECTOR
UBC CONNECTOR
UBC CONNECTOR
UBC CONNECTOR
USB (Universal Serial Bus) Conforming Connector
Receptacle
Model No.
Material and Finish
UBC-R112-56C-7ATS(HF)
Contact A
Contact B
Housing
EMC pad
Mid plate
Shell
Cover shell
Copper alloy, nickel-undercoated,
selective nickel-palladium alloy-plated
selective gold-plated
Copper alloy, nickel-undercoated,
selective nickel-palladium alloy-plated
selective gold-plated
Heat resisting resin, UL94V-0, black
Stainless steel
Stainless steel, nickel-undercoated, tin-plated
Stainless steel, nickel-undercoated, tin-plated
Stainless steel, nickel-undercoated, tin-plated
RoHS2 compliance
Q'ty/reel: 1,000 pcs.
8.8
8.34
9.68
A1
B12
B1
A12
On-board type
TID No.:5200000192
Plug
Model No.
Material and Finish
UBC-P-514-7B(HF)
Housing
Contact A
Contact B
Shell
Ground bar
Lock
Center
ground plate
Cover housing
Kapton tape
Heat resisting resin, UL94V-0, black
Copper alloy, nickel-undercoated,
selective nickel-palladium alloy-plated
selective gold-plated
Copper alloy, nickel-undercoated,
selective nickel-palladium alloy-plated
selective gold-plated
Stainless steel
Stainless steel
Stainless steel, nickel-undercoated, tin-plated
Stainless steel
Heat resisting resin, UL94V-0, black
Polyimide
RoHS2 compliance
Q'ty/box: 3,888 pcs.
B12
B1
A1
A12
10.7
(7.8)
13.2
9.15
5.5
0.5
TID No.:5200000193



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com