Electronic Components Datasheet Search
  English  ▼

X  

UBC Datasheet(PDF) 1 Page - JST Mfg. Co., Ltd.

Part # UBC
Description  USB (Universal Serial Bus) Conforming Connector
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

UBC Datasheet(HTML) 1 Page - JST Mfg. Co., Ltd.

  UBC Datasheet HTML 1Page - JST Mfg. Co., Ltd. UBC Datasheet HTML 2Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
UBCCONNECTOR
UBC CONNECTOR
UBC CONNECTOR
UBC CONNECTOR
USB (Universal Serial Bus) Conforming Connector
Specifications
• Current rating: 1.25 A/Pin AC/DC Vbus (A4, A9, B4, B9)
GND (A1, A12, B1, B12)
CC1 (A5), CC2 (B5)
: 0.25 A/Pin AC/DC Other circuits
• Voltage rating: 20 V AC/DC
• Temperature rang: -25℃ to +85℃
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/40 mΩ max.
After environmental tests/10 mΩ max.
(variation from initial value)
• Insulation resistance: 100 MΩ min.
• Withstanding voltage: 100 VAC/minute
* In using the products, refer to "Handling Precaution for Terminal
and Connector" described on our website (Technical documents
of Product information page)
* RoHS2 compliance
* Dimensional unit: mm
* Contact JST for details.
This connector is an interface connector
conforming to USB (Universal Serial bus)
Type-C. High-speed transmission of up to
10 Gbps and power supply of up to 100 W
are available. It has a reversible construction,
so that insertion and extraction without
having to worry about the orientation (both
sides) of the plug is possible.
● 10,000 cycles of insertion and extraction is
provided as durability.
● Halogen-free
Receptacle
● Double structure shell provides strong
mechanical structure (Single structure shell
is also available.)
● Contact lead is a hybrid type of DIP/SMT.
Plug
● As cover housing is used for this UBC
connector, preventing the resin for
overmolding from coming into the inside of
the connector in a harness processing
process is realized.
PC board layout
±0.03
12-φ0.4
(P.T.H)
±0.05
1
±0.05
0.795
±0.05
7.795
±0.03
0.55
±0.05
0.55
(P.T.H)
±0.05
9
±0.05
7
±0.05
0.15
±0.05
6.7
±0.03
±0.03
±0.03
±0.03
±0.03
±0.03
0.5
±0.05
8.3
±0.05
±0.05
±0.05
5.5
±0.05
6.84
±0.05
5.5
±0.03
φ0.45
±0.05
0.8
B1
±0.05
1.6
±0.05
0.8
±0.05
1.6
±0.05
3.2
±0.05
2.4
±0.05
1.1
±0.05
4.8
±0.05
0.7
±0.05
5.6
±0.05
1
(P.T.H)
±0.05
0.4
(P.T.H)
±0.03
0.3
±0.05
0.75
A12
A1
B12
±0.05
0.5
6.84
t0.8
0.5
0.3
5.5
0.5
0.5
0.3
B12
B1
A12
A1
Recommended PC board layout
Recommended PC board thickness: t1.0
Receptacle
On-board type
Plug


Similar Part No. - UBC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UBC NICHICON-UBC Datasheet
640Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
Advantech Co., Ltd.
UBC-200 ADVANTECH-UBC-200 Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200 ADVANTECH-UBC-200 Datasheet
550Kb / 2P
NXP ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200CD-MDA1E ADVANTECH-UBC-200CD-MDA1E Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
UBC-200CD-MDA1E ADVANTECH-UBC-200CD-MDA1E Datasheet
663Kb / 2P
Freescale ARM Cortex-A9 i.MX6 RISC Compact Box Computer
More results

Similar Description - UBC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1325 PHILIPS-UDA1325 Datasheet
310Kb / 52P
Universal Serial Bus USB CODEC
1999 May 10
logo
Tyco Electronics
1-1775066-1 MACOM-1-1775066-1 Datasheet
760Kb / 1P
Universal Serial Bus (USB) Connectors
787616-1 MACOM-787616-1 Datasheet
909Kb / 22P
Connector System for Universal Serial Bus (USB)
logo
Adam Technologies, Inc.
USB-A3-S-1 ADAM-TECH-USB-A3-S-1 Datasheet
90Kb / 1P
UNIVERSAL SERIAL BUS
USB-A3-S-RA-1 ADAM-TECH-USB-A3-S-RA-1 Datasheet
84Kb / 1P
UNIVERSAL SERIAL BUS
logo
TDK Electronics
UAC355XB TDK-UAC355XB Datasheet
989Kb / 48P
Universal Serial Bus (USB) Codecs
logo
EXCEL CELL ELECTRONIC C...
ESB0 ECE-ESB0 Datasheet
259Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS USB CONNECTORS
ESB3 ECE-ESB3 Datasheet
289Kb / 5P
UNIVERSAL SERIAL BUS CONNECTORS MINI USB CONNECTOR
ESB38 ECE-ESB38 Datasheet
203Kb / 3P
UNIVERSAL SERIAL BUS CONNECTOR ULTRA MINIATURE USB SERIES
logo
JST Mfg. Co., Ltd.
UBBS-4R-D14-4D JST-UBBS-4R-D14-4D Datasheet
156Kb / 4P
UB CONNECTOR USB (Universal Serial Bus) Conforming Connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com