Electronic Components Datasheet Search
  English  ▼

X  

BNI Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # BNI
Description  3.3mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

BNI Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  BNI Datasheet HTML 1Page - JST Mfg. Co., Ltd. BNI Datasheet HTML 2Page - JST Mfg. Co., Ltd. BNI Datasheet HTML 3Page - JST Mfg. Co., Ltd. BNI Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
BNI CONNECTOR
1.8
3.5
4.6
9
B
3.3
A
3.3
7.65
7.65
B
3.3
12.65
12.65
12.65
B
3.3
B
A
3.3
A
B
3.3
A
B
12.65
12.65
A
B
3.3
Circuit
No. 1
mark
Circuit
No. 1
mark
Circuit
No. 1
mark
Circuit
No. 1
mark
Circuit
No. 1
mark
Circuit
No. 1
mark
Circuit
No. 1
mark
RoHS compliance
Single-row type
Contact
Housing
SBNI-01T-P0.5
1.3∼2.5
5,000
Model No.
Insulation O.D.
(mm)
Q't y/
reel
Material and Finish
Copper alloy, tin-plated (reflow treatment)
0.2
∼0.5
24
∼20
Applicable wire
mm2
AWG#
Contact
Crimping
machine
AP-K2N
MKS-L
-
MK/SBN1-01-05
-
Applicator
Crimp applicator
Dies
APLMK SBN01-05
-
Crimp applicator with dies
SBNI-01T-P0.5
B
Single-
row type
Double-
row type
2
3
4
6
8
10
12
BNIRP-02V-A-S
BNIRP-03V-A-S
BNIRP-04V-W-A-S
BNIRP-06V-W-A-S
BNIRP-08V-W-A-S
BNIRP-10V-W-A-S
BNIRP-12V-W-A-S
-
6.6
-
6.6
9.9
13.2
16.5
9.0
12.3
9.0
12.3
15.6
18.9
22.2
1,000
1,000
1,000
1,000
1,000
500
500
A
Type
Circuits
Model No.
Q’ty/
bag
Dimensions (mm)
Material
Glass-filled PA 66, UL94V-0, natural
<2 circuits>
<3 circuits>
Double-row type
<4 circuits>
<6 circuits>
RoHS compliance
<For reference>
As the color identification,
the following alphabet shall be put in the underlined part.
For availability, delivery and minimum order quantity, contact JST.
ex.
BNIRP-04V-W-A-S-
S...natural M...green E...blue
<8 circuits>
<10 circuits>
<12 circuits>



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com