Electronic Components Datasheet Search
  English  ▼

X  

BNI Datasheet(PDF) 4 Page - JST Mfg. Co., Ltd.

Part # BNI
Description  3.3mm pitch/Disconnectable Crimp style connectors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

BNI Datasheet(HTML) 4 Page - JST Mfg. Co., Ltd.

  BNI Datasheet HTML 1Page - JST Mfg. Co., Ltd. BNI Datasheet HTML 2Page - JST Mfg. Co., Ltd. BNI Datasheet HTML 3Page - JST Mfg. Co., Ltd. BNI Datasheet HTML 4Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
RoHS compliance
Material
Glass-filled PA 66, UL94V-0, natural
B
A
Model No.
Circuits
Dimensions (mm)
Q'ty/
bag
2
3
4
5
6
-
6.6
9.9
13.2
16.5
9.6
12.9
16.2
19.5
22.8
2,000
2,000
2,000
1,000
1,000
BNIS-02V
BNIS-03V
BNIS-04V
BNIS-05V
BNIS-06V
BNI CONNECTOR
3.3
A
B
Retainer
2
11
2
3
1
24
31
2
36
5
41
2
3
48
7
6
51
2
3
4
5
6
7
8
9
10
5
4
3
2
1
6
7
8
9
10
11
12
Contact position location numbers
Key pattern
Color
Single-row type
Double-row type
Housing Model No.
Header Model No.
A
Natural
BNIRP-( )V-( )-A-S
B( )B-BNISK-A-1( )
BNIRP-( )V-( )-B-M
B( )B-BNIMK-B-1( )
BNIRP-( )V-( )-C-E
B( )B-BNIEK-C-1( )
B
Green
C
Blue
Polarizing key
Polarizing key
Polarizing key
Polarizing key
Polarizing key
Polarizing key
Polarizing key
Polarizing key
Polarizing key
Polarizing key
Polarizing key
Polarizing key
Shape
*The above figure is view from the mating side of header.
Contact position location numbers



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com