Electronic Components Datasheet Search
  English  ▼

X  

LBT Datasheet(PDF) 2 Page - JST Mfg. Co., Ltd.

Part # LBT
Description  Board-to-board connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

LBT Datasheet(HTML) 2 Page - JST Mfg. Co., Ltd.

  LBT Datasheet HTML 1Page - JST Mfg. Co., Ltd. LBT Datasheet HTML 2Page - JST Mfg. Co., Ltd. LBT Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
LBT CONNECTOR B Type
Plated through-hole
Plated through-hole
Connector outline
Connector outline
4.3MIN
6.3MIN
4.3MIN
±0.05
1
0
+0.05
0.5
0
+0.05
R0.25
±0.05
1.8
(5.1)
±0.05
3.75
±0.03
10.05
±0.03
10.05
±0.05
8.4
±0.05
8.4
±0.05
5.9
±0.05
5.9
±0.05
1.35
±0.05
0.35
(1.7)
±0.05
1.2
Pattern
prohibition area
±0.05
2.3
0
+0.05
1.7
±0.05
R0.85
±0.05
10.6
±0.05
10.6
±0.05
8.4
±0.05
8.4
±0.05
5.9
±0.05
5.9
(5.1)
±0.05
1.35
±0.05
3.75
±0.05
0.35
(1.7)
±0.05
1.1
(14)
PC board layout and Assembly layout
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative:
±0.05 mm for all centers. The dimensions above should serve as a guideline. Contact JST for details.
44
775
21.5
3.25
Plug
RoHS compliance
Note: The product listed above is supplied on embossed-tape.
No. of circuits
Model No.
Q ty/reel
44
Power supply
Signal
1,500
Material and Finish
Signal contact: Copper alloy, nickel-undercoated,
Contacting part: gold-plated
Soldering part: tin-plated (reflow treatment)
Power supply contact: Copper alloy, nickel-undercoated,
Contacting part: gold-plated
Soldering part: tin-plated (reflow treatment)
Housing: Heat resisting resin, UL94V-0
22.6
3.25
26.6
Receptacle
RoHS compliance
Note: The product listed above is supplied on embossed-tape.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com