Electronic Components Datasheet Search
  English  ▼

X  

LBT Datasheet(PDF) 3 Page - JST Mfg. Co., Ltd.

Part # LBT
Description  Board-to-board connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JST [JST Mfg. Co., Ltd.]
Direct Link  http://www.jst-mfg.com
Logo JST - JST Mfg. Co., Ltd.

LBT Datasheet(HTML) 3 Page - JST Mfg. Co., Ltd.

  LBT Datasheet HTML 1Page - JST Mfg. Co., Ltd. LBT Datasheet HTML 2Page - JST Mfg. Co., Ltd. LBT Datasheet HTML 3Page - JST Mfg. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
No. of all circuits (Signal circuit + Power supply circuit): 8
Part name: P --- Plug
Series name
Color indication: K --- Black
Surface finish (Signal circuit): GD --- Nickel-undercoated, Contacting part: gold-plated
Soldering part: tin-plated (reflow treatment)
Specification of solder tab: DT --- DIP (peg pin) type/ Copper-undercoated, tin-plated (reflow treatment)
No. of circuits of power supply circuit: 4
Surface finish (Power supply circuit): GD --- Nickel-undercoated, Contacting part: gold-plated
Soldering part: tin-plated (reflow treatment)
Packaging style: TB --- Embossed-taping
Indication of halogen free: (HF) --- Halogen-free
Model unmber identification
Plug
No. of all circuits (Signal circuit + Power supply circuit): 8
Part name: R --- Receptacle (Vertical DIP)
Series name
Color indication: K --- Black
Surface finish (Signal circuit): GD --- Nickel-undercoated, Contacting part: gold-plated
Soldering part: tin-plated (reflow treatment)
No. of circuits of power supply circuit: 4
Surface finish (Power supply circuit): GD --- Nickel-undercoated, Contacting part: gold-plated
Soldering part: tin-plated (reflow treatment)
Packaging style: TB --- Embossed-taping
Indication of halogen free: (HF) --- Halogen-free
LBT CONNECTOR B Type
Receptacle



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com