Electronic Components Datasheet Search
  English  ▼

X  

SNP-Z08F Datasheet(PDF) 4 Page - Skynet Electronic Copyright

Part # SNP-Z08F
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z08F Datasheet(HTML) 4 Page - Skynet Electronic Copyright

  SNP-Z08F Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z08F Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z08F Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z08F Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
** This data sheet is only for model selection. For business, engineering specification by model must be used.
4-4
JUL. 2014
Rated
85W
Peak
135W
SNP-Z08 Series
-Kevin-
General Purpose
7. +5V step response
9. FCC B
+5V
+12V
0.1V/div
0.2V/div
2ms/div
+5V step from 1.2A to 6A
others are at 60% rated load
2ms/div
+5V
+12V
0.5V/div
0.1V/div
+12V step from 0.8A to 4A
others are at 60% rated load
8. +12V step response
10. EN 55022 B
11. Power derating curve



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com