Electronic Components Datasheet Search
  English  ▼

X  

SNP-Z08F Datasheet(PDF) 1 Page - Skynet Electronic Copyright

Part # SNP-Z08F
Description  General Purpose
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYNET [Skynet Electronic Copyright]
Direct Link  https://www.skynetpower.com.tw/
Logo SKYNET - Skynet Electronic Copyright

SNP-Z08F Datasheet(HTML) 1 Page - Skynet Electronic Copyright

  SNP-Z08F Datasheet HTML 1Page - Skynet Electronic Copyright SNP-Z08F Datasheet HTML 2Page - Skynet Electronic Copyright SNP-Z08F Datasheet HTML 3Page - Skynet Electronic Copyright SNP-Z08F Datasheet HTML 4Page - Skynet Electronic Copyright  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4-1
** This data sheet is only for model selection. For business, engineering specification by model must be used.
JUL. 2014
-Kevin-
Rated
85W
Peak
135W
SNP-Z08 Series
General Purpose
Notes:
1.
Size:
2.5" x 4.5" x 1.18"
2.
Mounting Hole:
55.88 x 106.68 (mm)
3.
Connectors:
AC input : JST B2P3-VH or equivalent
DC output : JST B6P-VH or B8P-VH or equivalent
4.
Output Pin assignment:
5.
Packing:
Net weight: 235 g approx. / unit
Gross weight: 16.5 kg approx. / carton, 60 units / carton
Carton size (mm): 447 (L) x 300 (W) x 301 (H)
General Specifications:
Input voltage ............................................ 90VAC to 264VAC
Input frequency................................................. 47Hz to 63Hz
Inrush current .............................................< 30A at 115VAC
(cold start at 25oC)
or < 60A at 230VAC
Efficiency ............................... 81%~87% depends on models
at rated load and 115VAC
Hold up time ...................................................... 16ms typical
at rated load and 115VAC
Over load protection ......................................... auto recovery
Short circuit protection ..................................... auto recovery
Mechanical Specifications:
Over voltage protection ................................................. latch off
Operating temperature (open frame type) ................. 0oC to 70oC
derating: 2.5% / oC > 50oC
Cooling .......................................................... free air convection
Storage temperature ............................................-40oC to +85oC
EMI ............................................................................... FCC "B"
EN55022"B", EN55011"B"
EMS ........................................... EN61000-4-2,-3,-4,-5,-6,-8,-11
Safety ...................................................UL 60950-1, UL 60601-1
CSA C22.2 No. 60950-1, 601.1
EN 60950-1, EN 60601-1
Features:
TO CHASSIS GROUND, INDICATED "G"
x 3
114.3(4.5")
TRANSFORMER
55.88(2.2")
63.5(2.5")
L
N
G
G
G
x 4
3.81(1.5")
30.0(1.18")
Max.
2.4(0.095") Max.
o3.5TYP. MOUNTING HOLES
106.68(4.2")
●
Only 1.18 inch height
●
With ITE & Medical safety
●
Efficiency between 81% to 87%
●
Operation from 0oC to 70oC by convection
Applications:
●
For dental, laboratory products, pumps, monitors, sleep
apnea devices and many other uses.
PIN NO.
1
2
3
4
5
6
7
8
SNP-Z081
+12V +12V GND GND GND +5V +5V -12V
SNP-Z083
+12V +12V GND GND GND +5V +5V
NC
SNP-Z08F
+24V +24V GND GND GND +5V +5V +12V
SNP-Z086
GND GND GND GND +5V +5V +5V +5V
SNP-Z087
GND GND GND +12V +12V +12V +5V
SNP-Z087-1 GND GND GND +12V +12V +12V NC
SNP-Z089
GND GND GND +24V +24V +24V +5V
SNP-Z089-1 GND GND GND +24V +24V +24V NC
SNP-Z08T
GND GND GND +48V +48V +48V NC
10 years Warranty (contact Skynet's Distributors for details)
2.5" x 4.5" x 1.18"


Similar Part No. - SNP-Z08F

ManufacturerPart #DatasheetDescription
logo
Skynet Electronic Copyr...
SNP-Z05 SKYNET-SNP-Z05 Datasheet
352Kb / 4P
General Purpose
SNP-Z056 SKYNET-SNP-Z056 Datasheet
352Kb / 4P
General Purpose
SNP-Z057 SKYNET-SNP-Z057 Datasheet
352Kb / 4P
General Purpose
SNP-Z058 SKYNET-SNP-Z058 Datasheet
352Kb / 4P
General Purpose
SNP-Z059 SKYNET-SNP-Z059 Datasheet
352Kb / 4P
General Purpose
More results

Similar Description - SNP-Z08F

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Kemet Corporation
F161YR155M100V KEMET-F161YR155M100V Datasheet
75Kb / 1P
General Purpose
logo
Guangdong Kexin Industr...
IMH2A KEXIN-IMH2A Datasheet
162Kb / 2P
General purpose
logo
Skynet Electronic Copyr...
SNP-Z20 SKYNET-SNP-Z20 Datasheet
326Kb / 4P
General Purpose
SNP-Z30 SKYNET-SNP-Z30 Datasheet
331Kb / 4P
General Purpose
SNP-C08 SKYNET-SNP-C08 Datasheet
317Kb / 4P
General Purpose
SNP-C15 SKYNET-SNP-C15 Datasheet
319Kb / 4P
General Purpose
SNP-F60 SKYNET-SNP-F60 Datasheet
355Kb / 4P
General Purpose
SNP-F80 SKYNET-SNP-F80 Datasheet
411Kb / 4P
General Purpose
logo
Motorola, Inc
2N4123 MOTOROLA-2N4123 Datasheet
165Kb / 6P
General Purpose
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com