Electronic Components Datasheet Search
  English  ▼

X  

JGS4100FAG Datasheet(PDF) 13 Page - Eaton All Rights Reserved.

Part # JGS4100FAG
Description  Moulded Case Circuit Breakers 16-2500 Amperes for IEC 60947-2 Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

JGS4100FAG Datasheet(HTML) 13 Page - Eaton All Rights Reserved.

Back Button JGS4100FAG Datasheet HTML 9Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 10Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 11Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 12Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 13Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 14Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 15Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 16Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 17Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
February 2001
PG.29B.01A.T.U
Cutler-Hammer
13
Moulded Case Circuit Breakers
16-2500 Amperes for IEC 60947-2 Applications
Œ Special 50°C rating available. Order by
description.
Selection Guide and Ordering Information
Maximum
Continuous
Ampere
Rating
at 40°CŒ
Standard Interrupting Capacity Catalogue Number
Ue Maximum 240 VAC
Ue Maximum 440 VAC
20 kA Icu at 240 VAC
25 kA Icu at 415 VAC
Type GWF
1-Pole
2-Pole
3-Pole
Fixed Thermal/Fixed Magnetic Circuit Breakers
Sealed Breakers with Noninterchangeable Trip Units and Line and Load Terminals
16
20
25
32
40
50
63
80
100
GWF1016
GWF1020
GWF1025
GWF1032
GWF1040
GWF1050
GWF1063
GWF1080
GWF1100
GWF2016
GWF2020
GWF2025
GWF2032
GWF2040
GWF2050
GWF2063
GWF2080
GWF2100
GWF3016
GWF3020
GWF3025
GWF3032
GWF3040
GWF3050
GWF3063
GWF3080
GWF3100
Terminals (Factory Fitted Only)
Frame
Amperes
Terminal Type
Wire Type
Wire Range
G
16-100
Pressure Type
Copper
2.5-50
Cutler-Hammer Frame Size G, 16-100 Amperes
 GWF is direct supersedure for GW fixed
thermal magnetic breaker.
Contents
Back To Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com