Electronic Components Datasheet Search
  English  ▼

X  

JGS4100FAG Datasheet(PDF) 39 Page - Eaton All Rights Reserved.

Part # JGS4100FAG
Description  Moulded Case Circuit Breakers 16-2500 Amperes for IEC 60947-2 Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

JGS4100FAG Datasheet(HTML) 39 Page - Eaton All Rights Reserved.

Back Button JGS4100FAG Datasheet HTML 35Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 36Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 37Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 38Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 39Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 40Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 41Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 42Page - Eaton All Rights Reserved. JGS4100FAG Datasheet HTML 43Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
February 2001
PG.29B.01A.T.U
Cutler-Hammer
39
Moulded Case Circuit Breakers
16-2500 Amperes for IEC 60947-2 Applications
12
3
4
5
6
8
10
15Xl
r
7200
1000
500
200
100
50
20
10
5
2
1
.5
.2
.1
.05
.02
.01
.005
CURRENT IN MULTIPLES OF In
1.5
10
15
20
30
40
60
80 100
200
kA
Setting for ld
as Multiples of lr
(7X lr Not Shown)
2X
3X
4X
5X
6X
8X
7 X
td
300 ms
200 ms
100 ms
n
s
a
Notes:
Inverse-time overload release “a”
lr Set current (adjustable)
Short time delayed short circuit release
ld Tripping current (adjustable)
td Delay time (adjustable)
Instantaneous short circuit release “n”
li Tripping current (fixed setting)
12
3
4
5
6
8
10
15Xl
r
7200
1000
500
200
100
50
20
10
5
2
1
.5
.2
.1
.05
.02
.01
.005
CURRENT IN MULTIPLES OF In
1.5
10
15
20
30
40
60
80 100
200
kA
Setting for ld
as Multiples of lr
(7x lr Not Shown)
2X
3X
4X
5X
6X
8X
7 X
Notes:
Inverse-time overload release “a”
lr Set current (adjustable)
Short time delayed short circuit release
ld Tripping current (adjustable)
td Delay time (adjustable)
Instantaneous short circuit release “n”
li Tripping current (fixed setting)
td
300 ms
200 ms
100 ms
n
s
a
Time-Current Curves
Type NW
Tripping characteristics for NW circuit breakers, Icu 50/70/100 kA,
with solid state overcurrent release
Working Temperature Range
The tolerance bands shown are
applicable to an ambient tempera-
ture range of -5 to +60°C at the
circuit breaker.
Working Temperature Range
The tolerance bands shown are
applicable to an ambient tempera-
ture range of -5 to +60°C at the
circuit breaker.
Type RW
Tripping characteristics for RW circuit breakers, Icu 70/100 kA,
with solid state overcurrent release
Cutler-Hammer Frame Sizes N and R
Contents
Back To Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com