Electronic Components Datasheet Search
  English  ▼

X  

JT4100FA Datasheet(PDF) 21 Page - Eaton All Rights Reserved.

Part # JT4100FA
Description  Moulded Case Circuit Breakers 16-2500 Amperes for IEC 60947-2 Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

JT4100FA Datasheet(HTML) 21 Page - Eaton All Rights Reserved.

Back Button JT4100FA Datasheet HTML 17Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 18Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 19Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 20Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 21Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 22Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 23Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 24Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 25Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
February 2001
PG.29B.01A.T.U
Cutler-Hammer
21
Moulded Case Circuit Breakers
16-2500 Amperes for IEC 60947-2 Applications
Circuit Breaker Line
Terminal Cover
TA401LD or TA603LD
Terminal (Step-Type
Terminal Requires
Terminal Cover and
Warning Label. See
Inset.)
Pan-Head
Screws and
Lockwashers
TA450LD, TA602LD,
or T602LD Terminal
Pan-Head Screws
and Lockwashers
(Installed before
Cable Clamping
Screws)
Selection Guide and
Ordering Information
Line and Load Terminals
L-Frame circuit breakers include
Cu/Al terminals as standard equip-
ment. When optional copper termi-
nals are required, order by catalogue
number. 800 ampere L-Frame circuit
breakers include bus extensions only.
Maximum
Breaker
Amperes
Terminal
Body
Material
Wire
Type
Metric
Wire
Range mm2
AWG Wire
Range / No.
Conductors
Catalogue
Number
Standard Cu/Al Pressure Type Terminals
400
Aluminium
Cu/AI
120-300
4/0-600 (1)
3TA401LDKM - 3-Pole Kit
4TA401LDKM - 4-Pole Kit
450
Aluminium
Cu/AI
25-95 (2)
4-4/0 (2)
TA450LDMŒ
500
Aluminium
Cu/AI
120-150
250-350 (2)
TA602LDMŒ
600
Aluminium
Cu/AI
185-240 (2)
400-500 (2)
3TA603LDKM - 3-Pole Kit
4TA603LDKM - 4-Pole Kit
Optional Copper Pressure Type Terminals
600
Copper
Copper
120-150
250-350 (2)
T602LDMŒ
Œ Individually packed.
 Terminal kits contain one terminal for each
pole and one terminal cover.
Terminal Shields
Terminal shields provide protection
against accidental contact with live
line side terminations. Terminal
shields are fabricated from high
dielectric insulating material and
fasten over the front terminal access
openings. Small openings in the
shields provide limited access to the
terminals for tightening connectors.
(Field installation only.)
Handle Extension
Not included with breaker. Must be
purchased separately.
Keeper Nut
Not required on L-Frame. Terminal
is threaded.
Package of 2
Style Number – 314C420G01
Packaged Individually
Catalogue Number – HEX4
Base Mounting Hardware
Base mounting hardware is included
with a circuit breaker or moulded
case switch.
Interphase Barriers
The interphase barriers provide addi-
tional electrical clearance between
circuit breaker poles for special termi-
nation applications. The barriers are
high dielectric insulating plates that
are installed in the moulded slots
Number
of Poles
Description
Type of
Mounting
Style
Number
Metric Thread
2, 3
0.250-20 x
Individual
5103A09G01
Imperial Thread
2, 3, 4
0.250-20 x
1.5 Inch
Filister-Head
Steel Screws
and Lock-
washers and
Flat Washers
Individual
21C6782G05
Kit Catalogue Number
Metric
Imperial
KPEKM4
KPEK4
between the terminals. (Field installa-
tion only.) Two per package.
Endcap Kit
Endcap kits are used on L-Frame
breaker line load to connect bus bar
or similar electrical connections.
Includes hardware.
Package of 2
Catalogue Number – IPB4
Kit Catalogue Number
Metric
Imperial
KPEKM4
KPEK4
Terminal Cover
Warning
Label
Retainer
Screws
Cutler-Hammer Frame Size L, 315-800 Amperes
Contents
Back To Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com