Electronic Components Datasheet Search
  English  ▼

X  

JT4100FA Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # JT4100FA
Description  Moulded Case Circuit Breakers 16-2500 Amperes for IEC 60947-2 Applications
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

JT4100FA Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  JT4100FA Datasheet HTML 1Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 2Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 3Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 4Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 5Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 6Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 7Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 8Page - Eaton All Rights Reserved. JT4100FA Datasheet HTML 9Page - Eaton All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
PG.29B.01A.T.U
Cutler-Hammer
4
February 2001
Moulded Case Circuit Breakers
16-2500 Amperes for IEC 60947-2 Applications
Electrical Characteristics
GE
J
Maximum Rated Current (Amperes)
100
125
250
Breaker Type
GWF
GWF
BE
S
H
E
S
H
Breaker Capacity (kA rms) AC 50-60 Hz
IEC 60947-2
220-240 VAC
Icu
18
65
25
25
35
85
85
100
100
65
85
100
Ics
9
33
2525
35
4343
5050
65
85
100
380-415 VAC
Icu
–
25
–
18
25
–
40
–
70
25
40
70
Ics
–
13
–
18
25
–
30
–
35
25
40
70
660-690 VAC
Icu
–
–
––––––––
12
12
14
Ics
–
–
––––––––
6
6
7
250 VDCŒ
Icu
–
10
1010
10
3535
4242
10
22
22
Ics
–
5
10
10
10
35
35
42
42
10
22
22
NEMA
240 VAC
18
65
25
25
35
85
85
100
100
65
85
100
480 VAC
–
22
–
18
25
–
35
–
65
25
35
65
600 VAC
–
–
–
–
–
––––
18
25
35
Number of Poles
1
2, 3
1
2, 3,
4
2, 3, 4
1
2, 3,
4
1
2, 3,
4
2, 3, 4
Ampere Range
16-125A
16-125A
63-250A
Trip Units
Interchangeable
–
–
s
Built-in
ss
s
Thermal
Magnetic
Fixed Thermal
ss
s
Adjustable Thermal
Fixed
ss
Magnetic
Fixed
Fixed
Adjustable
Solid State
rmsŽ
LS
–
–
–
LSI
–
–
–
LSG
–
–
–
LSIG
–
–
–
Œ 2 poles in series.
 Not KEMA-KEUR listed. R-frame scheduled
for 2001.
Ž Not suitable for DC application. 4-pole
ground fault not available.
Weight (approximate) Kgs.
1-Pole
2-Pole
3-Pole
1-Pole
2-Pole
3-Pole
4-Pole
2-Pole
3-Pole
4-Pole
0.4
0.7
1
0.45
0.91
1.36
1.81
5.2
5.2
7.0
Cutler-Hammer Frame Sizes G through J
Dimensions
(mm)
HW
DH
W
D
H
W
D
1-Pole
123.8
254.4
66.7
139.7
25.4
76
177.8
105
103
2-Pole
50.8
50.8
3-Pole
76.2
76.2
4-Pole
–
–
–
101.6
140
Adjustable Thermal Magnetic
Adjustable Thermal Magnetic
Contents
Back To Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com