Electronic Components Datasheet Search
  English  ▼

X  

HT1670 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT1670
Description  128x32 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1670 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT1670 Datasheet HTML 1Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 2Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 3Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 4Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 5Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
HT1670
128´32 LCD Controller for I/O MCU
Rev. 1.10
1
September 17, 2004
Features
· Operating voltage: 2.7V~5.2V
· Built-in 32kHz RC oscillator
· External 32.768kHz crystal oscillator or 32kHz fre-
quency source input
· Standby current: <1mA at 3V, <2mAat5V
· Internal resistor type: 1/6 bias or 1/5 bias, 1/32 duty,
and 1/16 duty
· Three selectable LCD frame frequencies: 64Hz,
89Hz or 170Hz
· Max. 128´32 patterns, 128 segments and 32 com-
mons
· 144 segments and 16 commons selectable by com-
mand method
· Built-in bit-map display RAM: 4096 bits (=128´32 bits)
· Built-in internal resistor type bias generator
· Six-wire interface (four data wires)
· Eight kinds of time base/WDT selection
· Time base or WDT overflow output
· R/W address auto increment
· Built-in buzzer driver (2kHz/4kHz)
· Power down command reduces power consumption
· Software configuration feature
· Data mode and Command mode instructions
· Three data accessing modes
· Provides VLCD pin to adjust LCD operating voltage
and max. VLCD voltage up to 7V
· Provides three kinds of bias current programming
· Control of TN-type and STN-type LCDs
· 208-pin QFP package
General Description
HT1670 is a peripheral device specially designed for I/O
type MCU used to expand the display capability. The
max. display segment of the device are 4096 patterns
(128 segments and 32 commons). It also supports four
data bits interface, buzzer sound, Watchdog Timer or
time base timer functions. The HT1670 is a memory
mapping and multi-function LCD controller. Since the
HT1670 can control TN-type (Twisted Nematic) or
STN-type (Super Twisted Nematic) LCDs. The software
configuration feature of the HT1670 make it suitable for
multiple LCD applications including LCD modules and
display subsystems. Only six lines (CS,WR, DB0~DB3)
are required for the interface between the host controller
and the HT1670.
Applications
· Leisure products
· Games
· Personal digital assistant
· Cellular phone
· Global positioning system
· Consumer electronics


Similar Part No. - HT1670

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1670 HOLTEK-HT1670 Datasheet
187Kb / 20P
128x32 LCD Controller for I/O MCU
HT1670 HOLTEK-HT1670_10 Datasheet
187Kb / 20P
128x32 LCD Controller for I/O MCU
More results

Similar Description - HT1670

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT1621B HOLTEK-HT1621B Datasheet
179Kb / 20P
RAM Mapping 32x4 LCD Controller for I/O MCU
August 6, 2003
HT1650 HOLTEK-HT1650 Datasheet
165Kb / 18P
64x32 LCD Controller for I/O MCU
November 10, 2005
HT1620 HOLTEK-HT1620_07 Datasheet
156Kb / 14P
RAM Mapping 32x4 LCD Controller for I/O MCU
March 27, 2007
HT1622 HOLTEK-HT1622_07 Datasheet
155Kb / 13P
RAM Mapping 32x8 LCD Controller for I/O MCU
February 6, 2007
HT1660 HOLTEK-HT1660_06 Datasheet
192Kb / 19P
96x32 LCD Controller for I/O MCU
April 13, 2006
HT1647A HOLTEK-HT1647A Datasheet
159Kb / 19P
6416 LCD Controller for I/O MCU
June 22, 2009
HT1650 HOLTEK-HT1650_10 Datasheet
178Kb / 19P
6432 LCD Controller for I/O MCU
HT1660 HOLTEK-HT1660_10 Datasheet
179Kb / 20P
96x32 LCD Controller for I/O MCU
November 9, 2010
HT1670 HOLTEK-HT1670_10 Datasheet
187Kb / 20P
128x32 LCD Controller for I/O MCU
HT1647A HOLTEK-HT1647A_11 Datasheet
167Kb / 19P
64x16 LCD Controller for I/O MCU
April 29, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com