Electronic Components Datasheet Search
  English  ▼

X  

HT1670 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT1670
Description  128x32 LCD Controller for I/O MCU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT1670 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT1670 Datasheet HTML 6Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 7Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 8Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 9Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 10Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 11Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 12Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 13Page - Holtek Semiconductor Inc HT1670 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
HT1670
Rev. 1.10
10
September 17, 2004
00H
04H
08H
0CH
10H --------- 22CH
230H
234H
238H
23CH
COM0
Bit0
Bit0
Bit0
Bit0
Bit0
Bit0
COM1
Bit1
Bit1
Bit1
Bit1
Bit1
Bit1
COM2
Bit2
Bit2
Bit2
Bit2
Bit2
Bit2
COM3
Bit3
Bit3
Bit3
Bit3
Bit3
Bit3
01H
05H
09H
0DH
11H --------- 22DH
231H
235H
239H
23DH
COM4
Bit0
Bit0
Bit0
Bit0
Bit0
Bit0
COM5
Bit1
Bit1
Bit1
Bit1
Bit1
Bit1
COM6
Bit2
Bit2
Bit2
Bit2
Bit2
Bit2
COM7
Bit3
Bit3
Bit3
Bit3
Bit3
Bit3
02H
06H
0AH
0EH
12H --------- 22EH
232H
236H
23AH
23EH
COM8
Bit0
Bit0
Bit0
Bit0
Bit0
Bit0
COM9
Bit1
Bit1
Bit1
Bit1
Bit1
Bit1
COM10
Bit2
Bit2
Bit2
Bit2
Bit2
Bit2
COM11
Bit3
Bit3
Bit3
Bit3
Bit3
Bit3
03H
07H
0BH
0FH
13H --------- 22FH
233H
237H
23BH
23FH
COM12
Bit0
Bit0
Bit0
Bit0
Bit0
Bit0
COM13
Bit1
Bit1
Bit1
Bit1
Bit1
Bit1
COM14
Bit2
Bit2
Bit2
Bit2
Bit2
Bit2
COM15
Bit3
Bit3
Bit3
Bit3
Bit3
Bit3
SEG0
SEG1
SEG2
SEG3
SEG140 SEG141 SEG142 SEG143
144
´16 Selection Mode RAM Mapping Table
Name
Command Code
Function
144
´16 Mode
X100-0001-1111-XXXX
Change segment from 144 to 96 and common from 32 to 16
The default value after power ON reset is 128
´32 mode, set ²Normal² command will change 144´16 mode to 128´32
mode.
Frame Frequency
HT1670 provides three kinds of frame frequency option by command code; 64Hz, 89Hz and 170Hz respectively. FRAME
64Hz provides 64Hz frame frequency. FRAME 89Hz provides 89Hz frame frequency. FRAME 170Hz provides 170Hz
frame frequency.
Name
Command Code
Function
FRAME 170Hz
X100-0001-1000-XXXX
Select 170Hz frame frequency
FRAME 89Hz
X100-0001-1101-XXXX
Select 89Hz frame frequency
FRAME 64Hz
X100-0001-1110-XXXX
Select 64Hz frame frequency
Frame Frequency Selection Command Code
Time Base and Watchdog Timer
- WDT
The time base generator and WDT share the same counter which is divided by 256. The IRQ clock can be programmed as
1Hz, 2Hz, ...., 128Hz output. TIMER DIS/EN/CLR, WDT DIS/EN/CLR and IRQ EN/DIS are independent from each other.
Once the WDT time-out occurs, the IRQ pin will remain at a logic low level until the CLR WDT or the IRQ DIS command
is issued.
If an external clock is selected as the system frequency source, the SYS DIS command turns out invalid and the power
down mode fails to be carried out until the external clock source is removed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com